Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4382 Datasheet (PDF) - Cirrus Logic

CS4382 Datasheet PDF - Cirrus Logic
Part # CS4382
Download  CS4382 Download
File Size   981.89 Kbytes
Page   42 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 114 dB, 192 kHz 8-Channel D/A Converter

CS4382 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4382 Datasheet PDF - Cirrus Logic

Part # CS4382
Download  CS4382 Click to download

File Size   981.89 Kbytes
Page   42 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 114 dB, 192 kHz 8-Channel D/A Converter

CS4382 Datasheet (HTML) - Cirrus Logic


CS4382 Product details

Description

The CS4382 is a complete 8-channel digital-to-analog system including digital interpolation, fifth-order delta sigma digital-to-analog conversion, digital de-emphasis, volume control and analog filtering. The advantages of this architecture include: ideal differential linearity, no distortion mechanisms due toresistor matching errors, no linearity drift over time and temperature and a high tolerance to clock jitter.



Features

24-bit Conversion

Up to 192 kHz Sample Rates

114 dB Dynamic Range

-100 dB THD+N

Supports PCM and DSD Data Formats

Selectable Digital Filters

Volume Control with Soft Ramp

  – 1 dB Step Size

  – Zero Crossing Click-Free Transitions

Dedicated DSD Inputs

Low Clock-Jitter Sensitivity

Simultaneous Support for Two Synchronous Sample Rates for DVD Audio

μC or Stand-Alone Operation



 




Similar Part No. - CS4382

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4382 CIRRUS-CS4382 Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4382-KQZ CIRRUS-CS4382-KQZ Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4382-KQZR CIRRUS-CS4382-KQZR Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
114 dB, 192 kHz 8-channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
1,012Kb / 50P
114 dB, 192 kHz 8-Channel D/A Converter
More results


Similar Description - CS4382

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
114 dB, 192 kHz 8-Channel D/A Converter?
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_07 Datasheet
709Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
114-dB, 192-kHz 8-Channel D/A Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com