Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4384 Datasheet (PDF) - Cirrus Logic

CS4384 Datasheet PDF - Cirrus Logic
Part # CS4384
Download  CS4384 Download
File Size   999.98 Kbytes
Page   50 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 103 dB, 192 kHz 8-Channel D/A Converter

CS4384 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4384 Datasheet PDF - Cirrus Logic

Part # CS4384
Download  CS4384 Click to download

File Size   999.98 Kbytes
Page   50 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 103 dB, 192 kHz 8-Channel D/A Converter

CS4384 Datasheet (HTML) - Cirrus Logic


CS4384 Product details

Description

The CS4384 is a complete 8-channel digital-to-analog system. This D/A system includes digital de-emphasis, half-dB step size volume control, ATAPI channel mixing, selectable fast and slow digital interpolation filters followed by an oversampled, multi-bit delta sigma modulator which includes mismatch shaping technology that eliminates distortion due to capacitor mismatch. Follow ing this stage is a multi-element switched capacitor stage and low-pass filter with single-ended analog outputs.

The CS4384 also has a proprietary DSD processor which allows for volume control and 50 kHz on-chip filtering without an intermediate decimation stage. It also offers an optional path for direct DSD conversion by directly using the multi-element switched capacitor array.



Features

! Advanced Multi-bit Delta Sigma Architecture

! 24-bit Conversion

! Automatic Detection of Sample Rates up to 192 kHz

! 103 dB Dynamic Range

! -88 dB THD+N

! Single-Ended Output Architecture

! Direct Stream Digital Mode

   – Non-Decimating Volume Control

   – On-Chip 50 kHz Filter

   – Matched PCM and DSD Analog Output Levels

! Compatible with Industry-Standard Time

  Division Multiplexed (TDM) Serial Interface

! Selectable Digital Filters

! Volume Control with 1/2-dB Step Size and Soft Ramp

! Low Clock Jitter Sensitivity

! +5 V Analog Supply, +2.5 V Digital Supply

! Separate 1.8 to 5 V Logic Supplies for the Control & Serial Ports



 




Similar Part No. - CS4384

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4384 CIRRUS-CS4384 Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
CS4384-CQZ CIRRUS-CS4384-CQZ Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
CS4384-CQZR CIRRUS-CS4384-CQZR Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
CS4384 CIRRUS-CS4384_08 Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
More results


Similar Description - CS4384

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
114 dB, 192 kHz 8-Channel D/A Converter?
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
114 dB, 192 kHz 8-Channel D/A Converter
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
103 dB, 192 kHz 6-Channel D/A Converter
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4384 CIRRUS-CS4384_08 Datasheet
1Mb / 52P
103 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
114-dB, 192-kHz 8-Channel D/A Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com