Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet (PDF) - Cirrus Logic

CS44600 Datasheet PDF - Cirrus Logic
Part # CS44600
Download  CS44600 Download
File Size   744.12 Kbytes
Page   78 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 6-Channel Digital Amplifier Controller

CS44600 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS44600 Datasheet PDF - Cirrus Logic

Part # CS44600
Download  CS44600 Click to download

File Size   744.12 Kbytes
Page   78 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 6-Channel Digital Amplifier Controller

CS44600 Datasheet (HTML) - Cirrus Logic


CS44600 Product details

General Description

The CS44600 is a multi-channel digital-to-PWM Class D audio system controller including interpolation, sample rate conversion, half- and full-bridge PWM driver outputs, and power supply rejection feedback in a 64-pin LQFP pack age.The architecture uses a direct-to-digital approach that maintains digital signal integrity to the final output filter, minimizing analog interference effects which negatively affect system performance.

The CS44600 integrates on-chip digital volume control, peak detect with limiter, de-emphasis, and 7 GPIO’s, allow ing easy interfacing to many commonly available power stages. The PWM amplifier can achieve greater than 90% efficiency. This efficiency provides for smaller device package, less heat sink requirements, and smaller power supplies.

The CS44600 is ideal for audio systems requiring wide dynamic range, negligible distortion and low noise, such as A/V receivers, DVD receivers, digital speaker and automotive audio systems.



Features

♦ > 100 dB Dynamic Range - System Level

♦ < 0.03% THD+N @ 1 W - System Level

♦ 32 kHz to 192 kHz Sample Rates

♦ Internal Oscillator Circuit Supports 24.576 MHz to 54 MHz Crystals

♦ Integrated Sample Rate Converter (SRC)

   – Eliminates Clock Jitter Effects

   – Input Sample Rate Independent Operation

♦ Power Supply Rejection Realtime Feedback

♦ Spread Spectrum Modulation - Reduces EMI

♦ PWM Popguard® for Single-Ended Mode

♦ Eliminates AM Frequency Interference

♦ Programmable Load Compensation Filters

♦ Support for up to 40 kHz Audio Bandwidth

♦ Digital Volume Control with Soft Ramp

   – +24 to -127 dB in 0.25 dB Steps

♦ Per Channel Programmable Peak Detect and Limiter

♦ SPI™ and I²C® Host Control Interfaces

♦ Separate 2.5 V to 5.0 V Serial Port and Host Control Port Supplies



 




Similar Part No. - CS44600

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44600 CIRRUS-CS44600 Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
CS44600-CQZ CIRRUS-CS44600-CQZ Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
CS44600-CQZR CIRRUS-CS44600-CQZR Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
CS44600-DQZ CIRRUS-CS44600-DQZ Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
CS44600-DQZR CIRRUS-CS44600-DQZR Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
More results


Similar Description - CS44600

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44800 CIRRUS-CS44800 Datasheet
700Kb / 81P
8-Channel Digital Amplifier Controller
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
6-Phase Digital Multiphase Controller
August 5, 2005
logo
Texas Instruments
TAS5186 TI-TAS5186 Datasheet
349Kb / 17P
6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
6-Channel, 210-W, Digital-Amplifier Power Stage
logo
Cirrus Logic
CS44600 CIRRUS-CS44600_06 Datasheet
1Mb / 76P
6-Channel Digital Amplifier Controller
CS44800 CIRRUS-CS44800_06 Datasheet
1Mb / 80P
8-Channel Digital Amplifier Controller
logo
Texas Instruments
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176_15 Datasheet
553Kb / 24P
6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A_15 Datasheet
667Kb / 21P
6-Channel, 210-W, Digital-Amplifier Power Stage
logo
ON Semiconductor
CAT4026 ONSEMI-CAT4026_11 Datasheet
330Kb / 14P
6-Channel LED Controller
May, 2011 ??Rev. 5
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com