Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP9312-EB Datasheet (PDF) - Cirrus Logic

EP9312-EB Datasheet PDF - Cirrus Logic
Part # EP9312-EB
Download  EP9312-EB Download
File Size   884.7 Kbytes
Page   62 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Universal Platform System-on-chip Processor

EP9312-EB Datasheet (PDF)

Go To PDF Page Download Datasheet
EP9312-EB Datasheet PDF - Cirrus Logic

Part # EP9312-EB
Download  EP9312-EB Click to download

File Size   884.7 Kbytes
Page   62 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Universal Platform System-on-chip Processor

EP9312-EB Datasheet (HTML) - Cirrus Logic


EP9312-EB Product details

OVERVIEW
The EP9312 is an ARM920T-based system-on-a-chip design with a large peripheral set targeted to a variety of applications:
• Thin client computers for business and home
• Internet radio
• Internet access devices
• Industrial computers
• Specialized terminals
• Point of sale terminals
• Test and measurement equipment

FEATURES
• 200-MHz ARM920T Processor
    • 16-kbyte Instruction Cache
    • 16-kbyte Data Cache
    • Linux®, Microsoft® Windows® CE-enabled MMU
    • 100-MHz System Bus
• MaverickCrunch™ Math Engine
    • Floating Point, Integer, and Signal Processing Instructions
    • Optimized for digital music compression and decompression algorithms.
    • Hardware interlocks allow in-line coding.
• MaverickKey™ IDs
    • 32-bit unique ID can be used for DRM-compliant, 128-bit random ID.
• Integrated Peripheral Interfaces
    • 32-bit SDRAM Interface (up to 4 banks)
    • 32/16-bit SRAM / FLASH / ROM
    • Serial EEPROM Interface
    • EIDE (up to 2 devices)
    • 1/10/100 Mbps Ethernet MAC
    • Three UARTs
    • Three-port USB 2.0 Full-speed Host (OHCI) (12 Mbits per second)
    • LCD and Raster Interface
    • Touchscreen Interface with ADC
    • IrDA Interface
    • 8 x 8 Keypad Scanner
    • One Serial Peripheral Interface (SPI) Port
    • 6-channel or 2-channel Serial Audio Interface (I2S)
    • 2-channel, Low-cost Serial Audio Interface (AC97)
    • 2 High-resolution PWMs (16 bits each)
• Internal Peripherals
    • 12 Direct Memory Access (DMA) Channels
    • Real-time Clock with Software Trim
    • Dual PLL controls all clock domains.
    • Watchdog Timer
    • Two General-purpose 16-bit Timers
    • One General-purpose 32-bit Timer
    • One 40-bit Debug Timer
    • Interrupt Controller
    • Boot ROM
• Package
    • 352 pin PBGA




Similar Part No. - EP9312-EB

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9310 PCA-EP9310 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9310 PCA-EP9310 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9311 PCA-EP9311 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9311 PCA-EP9311 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9313 PCA-EP9313 Datasheet
43Kb / 1P
14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
More results


Similar Description - EP9312-EB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
System-on-Chip Platform OS Processor
logo
Cirrus Logic
EP9301 CIRRUS-EP9301 Datasheet
297Kb / 41P
Entry-level ARM9 System-on-chip Processor
EP9302 CIRRUS-EP9302 Datasheet
302Kb / 42P
High-speed ARM9 System-on-chip Processor with MaverickCrunch
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
Enhanced Universal Platform System-on-Chip Processor
logo
List of Unclassifed Man...
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
Triscend A7S Configurable System-on-Chip Platform
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
Universal System Basis Chip
Rev. 1.0, May 2009
TLE8262-2E INFINEON-TLE8262-2E Datasheet
1Mb / 94P
Universal System Basis Chip
Rev. 1.0, May 2009
logo
Linear Technology
LTC2986 LINER-LTC2986 Datasheet
1Mb / 14P
Input Protected Universal Temperature Measurement System on a Chip
logo
Carlo Gavazzi Holding A...
UWP3.0 CARLOGAVAZZI-UWP3.0 Datasheet
2Mb / 21P
Universal web platform
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
System on Chip (SoC) Network Processor
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com