Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTV16857 Datasheet (PDF) - NXP Semiconductors

SSTV16857 Datasheet PDF - NXP Semiconductors
Part # SSTV16857
Download  SSTV16857 Download
File Size   110.03 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 14-bit SSTL_2 registered driver with differential clock inputs

SSTV16857 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSTV16857 Datasheet PDF - NXP Semiconductors

Part # SSTV16857
Download  SSTV16857 Click to download

File Size   110.03 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 14-bit SSTL_2 registered driver with differential clock inputs

SSTV16857 Datasheet (HTML) - NXP Semiconductors


SSTV16857 Product details

DESCRIPTION
The SSTV16857 is a 14-bit SSTL_2 registered driver with differential clock inputs, designed to operate between 2.3 V and 2.7 V. VDDQ must not exceed VCC. Inputs are SSTL_2 type with VREF normally at 0.5*VDDQ. The outputs support class I which can be used for standard stub-series applications or capacitive loads. Master reset (RESET) asynchronously resets all registers to zero.
The SSTV16857 is intended to be incorporated into standard DIMM (Dual In-Line Memory Module) designs defined by JEDEC, such as DDR (Double Data Rate) SDRAM or SDRAM II Memory Modules.
Different from traditional SDRAM, DDR SDRAM transfers data on both clock edges (rising and falling), thus doubling the peak bus bandwidth. A DDR DRAM rated at 133 MHz will have a burst rate of 266 MHz. The modules require between 23 and 27 registered control and address lines, so two 14-bit wide devices will be used on each module. The SSTV16857 is intended to be used for SSTL_2 input and output signals.
The device data inputs consist of differential receivers. One differential input is tied to the input pin while the other is tied to a reference input pad, which is shared by all inputs.
The clock input is fully differential to be compatible with DRAM devices that are installed on the DIMM. However, since the control inputs to the SDRAM change at only half the data rate, the device must only change state on the positive transition of the CLK signal. In order to be able to provide defined outputs from the device even before a stable clock has been supplied, the device must support an asynchronous input pin (reset), which when held to the LOW state will assume that all registers are reset to the LOW state and all outputs drive a LOW signal as well.

FEATURES
• Stub-series terminated logic for 2.5 V VDDQ (SSTL_2)
• Optimized for DDR (Double Data Rate) SDRAM applications
• Inputs compatible with JESD8–9 SSTL_2 specifications.
• Flow-through architecture optimizes PCB layout
• ESD classification testing is done to JEDEC Standard JESD22.
   Protection exceeds 2000 V to HBM per method A114.
• Latch-up testing is done to JEDEC Standard JESD78, which
   exceeds 100 mA.
• Same form, fit, and function as SSTL16877
• Full DDR 200/266 solution @ 2.5 V when used with PCKV857
• See SSTV16856 for driver/buffer version with mode select.
• Available in TSSOP-48, TVSOP-48 and 56 ball VFBGA packages




Similar Part No. - SSTV16857

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSTV16857 FAIRCHILD-SSTV16857 Datasheet
85Kb / 7P
14-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Texas Instruments
SSTV16857 TI1-SSTV16857 Datasheet
902Kb / 12P
14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
SSTV16857MTD FAIRCHILD-SSTV16857MTD Datasheet
85Kb / 7P
14-Bit Register with SSTL-2 Compatible I/O and Reset
More results


Similar Description - SSTV16857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
logo
Texas Instruments
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
14-BIT SSTL_2 REGISTERED BUFFER
logo
NXP Semiconductors
SSTVF16857DGV PHILIPS-SSTVF16857DGV Datasheet
117Kb / 13P
DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
2003 Sep 19
logo
Renesas Technology Corp
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com