Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6173 Datasheet (PDF) - Intersil Corporation

ISL6173 Datasheet PDF - Intersil Corporation
Part # ISL6173
Download  ISL6173 Download
File Size   452.29 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Low Voltage Hot Swap Controller

ISL6173 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6173 Datasheet PDF - Intersil Corporation

Part # ISL6173
Download  ISL6173 Click to download

File Size   452.29 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Low Voltage Hot Swap Controller

ISL6173 Datasheet (HTML) - Intersil Corporation


ISL6173 Product details

This IC targets dual voltage hot swap applications across the +2.5V to +3.3V (nominal) bias supply voltage range with a second lower voltage rail down to less than 1V. It features a charge pump for driving external N-Channel MOSFETs, regulated current protection and duration, output undervoltage monitoring and reporting, optional latch-off or retry response, and adjustable soft-start.

Features
• Fast Current Regulation amplifier quickly responds to overcurrent fault conditions
• Less than 1µs response Time to Dead Short
• Programmable Current Regulation Level and Duration
• Two Levels of Overcurrent Detection Provide Fast Response to Varying Fault Conditions
• Overcurrent Circuit Breaker and Fault Isolation functions
• Adjustable Current Regulation Threshold as low as 20mV
• Selectable Latch-off or Auto Retry Response to Fault conditions
• Adjustable voltage ramp-up for In-rush Protection During Turn-On
• Rail Independent Control, Monitoring and Reporting I/O
• Dual Supply Hot Swap Power Distribution Control to <1V
• Charge Pump Allows the use of N-Channel MOSFETs
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Power Supply Sequencing, Distribution and Control
• Hot Swap/Electronic Breaker Circuits




Similar Part No. - ISL6173

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6173 INTERSIL-ISL6173 Datasheet
460Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
logo
Renesas Technology Corp
ISL6173 RENESAS-ISL6173 Datasheet
839Kb / 20P
Dual Low Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6173 INTERSIL-ISL6173 Datasheet
454Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
ISL6173DRZA INTERSIL-ISL6173DRZA Datasheet
460Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
ISL6173DRZA INTERSIL-ISL6173DRZA Datasheet
454Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
More results


Similar Description - ISL6173

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
Hot Swap Voltage Controller
logo
Intersil Corporation
ISL6173 INTERSIL-ISL6173_06 Datasheet
460Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC4224-1 LINER-LTC4224-1 Datasheet
214Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
LTC4224-1 LINER-LTC4224-1_15 Datasheet
225Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
LTC4224-2 LINER-LTC4224-2_15 Datasheet
225Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
Dual Supply Hot Swap Controller
logo
Intersil Corporation
ISL6173DRZA INTERSIL-ISL6173DRZA Datasheet
454Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
logo
Renesas Technology Corp
ISL6173 RENESAS-ISL6173 Datasheet
839Kb / 20P
Dual Low Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6172 INTERSIL-ISL6172 Datasheet
412Kb / 15P
Dual Low Voltage Hot Swap Controller
June 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com