Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33171 Datasheet (PDF) - ON Semiconductor

MC33171 Datasheet PDF - ON Semiconductor
Part # MC33171
Download  MC33171 Download
File Size   217.49 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Power, Single Supply Operational Amplifiers

MC33171 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33171 Datasheet PDF - ON Semiconductor

Part # MC33171
Download  MC33171 Click to download

File Size   217.49 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Power, Single Supply Operational Amplifiers

MC33171 Datasheet (HTML) - ON Semiconductor


MC33171 Product details

Quality bipolar fabrication with innovative design concepts are employed for the MC33171/72/74 series of monolithic operational amplifiers. These devices operate at 180 μA per amplifier and offer 1.8 MHz of gain bandwidth product and 2.1 V/μs slew rate without the use of JFET device technology. Although this series can be operated from split supplies, it is particularly suited for single supply operation, since the common mode input voltage includes ground potential (VEE).
With a Darlington input stage, these devices exhibit high input resistance, low input offset voltage and high gain. The all NPN output stage, characterized by no deadband crossover distortion and large output voltage swing, provides high capacitance drive capability, excellent phase and gain margins, low open loop high frequency output impedance and symmetrical source/sink AC frequency response.
The MC33171/72/74 are specified over the industrial/automotive temperature ranges. The complete series of single, dual and quad operational amplifiers are available in plastic as well as the surface mount packages.

Features
• Low Supply Current: 180 μA (Per Amplifier)
• Wide Supply Operating Range: 3.0 V to 44 V or ±1.5 V to ±22 V
• Wide Input Common Mode Range, Including Ground (VEE)
• Wide Bandwidth: 1.8 MHz
• High Slew Rate: 2.1 V/μs
• Low Input Offset Voltage: 2.0 mV
• Large Output Voltage Swing: −14.2 V to +14.2 V (with ±15 V Supplies)
• Large Capacitance Drive Capability: 0 pF to 500 pF
• Low Total Harmonic Distortion: 0.03%
• Excellent Phase Margin: 60°
• Excellent Gain Margin: 15 dB
• Output Short Circuit Protection
• ESD Diodes Provide Input Protection for Dual and Quad
• Pb−Free Packages are Available
• NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes




Similar Part No. - MC33171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33171 STMICROELECTRONICS-MC33171 Datasheet
50Kb / 5P
LOW POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
227Kb / 16P
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
List of Unclassifed Man...
MC33171 ETC1-MC33171 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33171 ETC2-MC33171 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33171 ETC2-MC33171 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
More results


Similar Description - MC33171

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA631 BURR-BROWN-OPA631 Datasheet
176Kb / 17P
Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com