Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6440IA Datasheet (PDF) - Intersil Corporation

ISL6440IA Datasheet PDF - Intersil Corporation
Part # ISL6440IA
Download  ISL6440IA Download
File Size   346.03 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller

ISL6440IA Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6440IA Datasheet PDF - Intersil Corporation

Part # ISL6440IA
Download  ISL6440IA Click to download

File Size   346.03 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller

ISL6440IA Datasheet (HTML) - Intersil Corporation


ISL6440IA Product details

300kHz Dual, 180° Out-of-Phase, StepDown PWM Controller

The ISL6440 is a high-performance, dual-output PWM controller optimized for converting wall adapter, battery or network intermediate bus DC input supplies into the system supply voltages required for a wide variety of applications. Each output is adjustable down to 0.8V. The two PWMs are synchronized 180o out of phase reducing the RMS input current and ripple voltage.

Features
• Wide Input Supply Voltage Range
    - 5.6V to 24V
    - 4.5V to 5.6V
• Two Independently Programmable Output Voltages
• Switching Frequency . . . . . . . . . . . . . . . . . . . . . . . 300kHz
• Out of Phase PWM Controller Operation
    - Reduces Required Input Capacitance and Power Supply Induced Loads
• No External Current Sense Resistor
    - Uses Lower MOSFET’s rDS(ON)
• Programmable Soft-Start
• Extensive Circuit Protection Functions
    - PGOOD
    - UVLO
    - Overcurrent
    - Overtemperature
    - Independent Shutdown for Both PWMs
• Excellent Dynamic Response
    - Voltage Feed-Forward with Current Mode Control
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Power Supplies with Two Outputs
• xDSL Modems/Routers
• DSP, ASIC, and FPGA Power Supplies
• Set-Top Boxes
• Dual Output Supplies for DSP, Memory, Logic, µP Core and I/O
• Telecom Systems




Similar Part No. - ISL6440IA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6440IA RENESAS-ISL6440IA Datasheet
692Kb / 15P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440IAZ RENESAS-ISL6440IAZ Datasheet
692Kb / 15P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Similar Description - ISL6440IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
November 8, 2004
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
October 4, 2005
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
August 9, 2006
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 7, 2007
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
June 3, 2008
logo
Renesas Technology Corp
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com