Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4020 Datasheet (PDF) - Semtech Corporation

4020 Datasheet PDF - Semtech Corporation
Part # 4020
Download  4020 Download
File Size   95.49 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE

4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
4020 Datasheet PDF - Semtech Corporation

Part # 4020
Download  4020 Click to download

File Size   95.49 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE

4020 Datasheet (HTML) - Semtech Corporation


4020 Product details





Similar Part No. - 4020

ManufacturerPart #DatasheetDescription
logo
Powerbox
4020 POWERBOX-4020 Datasheet
353Kb / 1P
10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
TE Connectivity Ltd
4020 TEC-4020 Datasheet
156Kb / 3P
DC Response, Silicon MEMS
logo
Heyco.
4020 HEYCO-4020 Datasheet
95Kb / 1P
EPDM Snap-In Liquid Tight Bushings
logo
Adafruit Industries
4020 ADAFRUIT-4020 Datasheet
1Mb / 4P
Adafruit NeoTrellis M4 with Enclosure and Buttons Kit Pack
1-17-19
logo
VARTA AG
4020 VARTA-4020 Datasheet
88Kb / 1P
Zn-MnO₂ (Alkaline)
2022-04-06
More results


Similar Description - 4020

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RDER72J104K8M1C11A MURATA-RDER72J104K8M1C11A Datasheet
393Kb / 19P
Radial Lead Type Monolithic Ceramic Capacitors
RPEF51H224Z2M1A03A MURATA-RPEF51H224Z2M1A03A Datasheet
365Kb / 19P
Radial Lead Type Monolithic Ceramic Capacitors
GA355XR7GB563KW06L MURATA-GA355XR7GB563KW06L Datasheet
4Mb / 237P
Chip Monolithic Ceramic Capacitors (Medium Voltage)
RHDL82A683K2K1C03B MURATA-RHDL82A683K2K1C03B Datasheet
29Kb / 2P
Radial Lead Type Monolithic Ceramic Capacitors
RPER71H104K2M1A03A MURATA-RPER71H104K2M1A03A Datasheet
1Mb / 57P
Radial Lead Type Monolithic Ceramic Capacitors
logo
TDK Electronics
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA331K-NKA TDK-CD45-B2GA331K-NKA Datasheet
125Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD102KAGRA TDK-CK45-R3AD102KAGRA Datasheet
127Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com