Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27533 Datasheet (PDF) - ON Semiconductor

27533 Datasheet PDF - ON Semiconductor
Part # 27533
Download  27533 Download
File Size   197.44 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW DROPOUT MICROPOWER VOLTAGE REGULATOR

27533 Datasheet (PDF)

Go To PDF Page Download Datasheet
27533 Datasheet PDF - ON Semiconductor

Part # 27533
Download  27533 Click to download

File Size   197.44 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW DROPOUT MICROPOWER VOLTAGE REGULATOR

27533 Datasheet (HTML) - ON Semiconductor


27533 Product details

The MC33275 series are micropower low dropout voltage regulators available in a wide variety of output voltages as well as packages, SOT−223, SOP−8, DPAK, and DFN 4x4 surface mount packages. These devices feature a very low quiescent current and are capable of supplying output currents up to 300 mA. Internal current and thermal limiting protection are provided by the presence of a short circuit at the output and an internal thermal shutdown circuit.

Features
• Low Input−to−Output Voltage Differential of 25 mV at IO = 10 mA,
   and 260 mV at IO = 300 mA
• Extremely Tight Line and Load Regulation
• Stable with Output Capacitance of only 0.33 F for 2.5 V Output
   Voltage
• Internal Current and Thermal Limiting
• NCV Prefix for Automotive and Other Applications Requiring Site
   and Control Changes
• Pb−Free Packages are Available

Applications
• Battery Powered Consumer Products
• Hand−Held Instruments
• Camcorders and Cameras




Similar Part No. - 27533

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2753 KR-2753 Datasheet
36Kb / 2P
KR Electronics part number 2753 is a 157.5 MHz elliptic type bandpass filter
logo
Heyco.
2753 HEYCO-2753 Datasheet
105Kb / 1P
Dome Plugs
logo
Multicomp Pro
2753 MULTICOMP-2753 Datasheet
223Kb / 2P
Hex Standoff Threaded, Brass
25/06/12 V1.0
logo
List of Unclassifed Man...
27530 ETC2-27530 Datasheet
171Kb / 1P
Wiha Precision ESD Safe Hex Drivers
logo
PHOENIX CONTACT
2753478 PHOENIX-2753478 Datasheet
69Kb / 2P
Replacement fuse, for INTERBUS-ST modules
More results


Similar Description - 27533

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
International Rectifier
IRU1502-33 IRF-IRU1502-33 Datasheet
125Kb / 11P
MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com