Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9317TM8I Datasheet (PDF) - Intersil Corporation

X9317TM8I Datasheet PDF - Intersil Corporation
Part # X9317TM8I
Download  X9317TM8I Download
File Size   333.81 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, 100 Taps

X9317TM8I Datasheet (PDF)

Go To PDF Page Download Datasheet
X9317TM8I Datasheet PDF - Intersil Corporation

Part # X9317TM8I
Download  X9317TM8I Click to download

File Size   333.81 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, 100 Taps

X9317TM8I Datasheet (HTML) - Intersil Corporation


X9317TM8I Product details

The Intersil X9317 is a digitally controlled potentiometer (XDCP™). The device consists of a resistor array, wiper switches, a control section, and nonvolatile memory. The wiper position is controlled by a 3-wire interface.

Features
• Solid-State Potentiometer
• 3-Wire Serial Up/Down Interface
• 100 Wiper Tap Points
    - Wiper Position Stored in Nonvolatile Memory and Recalled on Power-up
• 99 Resistive Elements
    - Temperature Compensated
    - End-to-end Resistance Range ±20%
• Low Power CMOS
    - VCC = 2.7V to 5.5V, and 5V ±10%
    - Standby Current <5µA
• High Reliability
    - Endurance, 100,000 Data Changes per Bit
    - Register Data Retention, 100 years
• RTOTAL Values = 1kΩ, 10kΩ, 50kΩ, 100kΩ
• Packages
    - 8 Ld SOIC, PDIP, TSSOP, and MSOP
• Pb-Free Available (RoHS Compliant)

Applications
• LCD Bias Control
• DC Bias Adjustment
• Gain and Offset Trim
• Laser Diode Bias Control
• Voltage Regulator Output Control




Similar Part No. - X9317TM8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317TM8IZ INTERSIL-X9317TM8IZ Datasheet
431Kb / 13P
Digitally Controlled Potentiometer (XDCP??
March 7, 2012
X9317TM8IZ INTERSIL-X9317TM8IZ Datasheet
430Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317TM8IZ RENESAS-X9317TM8IZ Datasheet
625Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317TM8IZ-2.7 INTERSIL-X9317TM8IZ-2.7 Datasheet
431Kb / 13P
Digitally Controlled Potentiometer (XDCP??
March 7, 2012
X9317TM8IZ-2.7 INTERSIL-X9317TM8IZ-2.7 Datasheet
430Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results


Similar Description - X9317TM8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
Low Noise/Low Power/SPI Bus/256 Taps
March 25, 2005
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
Low Noise, Low Power, 32 Taps
September 15, 2005
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
Low Noise, Low Power I2C Bus, 256 Taps
September 19, 2006
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power, I2C짰 Bus, 128 Taps
December 17, 2007
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
Low Noise, Low Power, SPI Bus, 128 Taps
September 8, 2009
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com