Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90S8535 Datasheet (PDF) - ATMEL Corporation

AT90S8535 Datasheet PDF - ATMEL Corporation
Part # AT90S8535
Download  AT90S8535 Download
File Size   2454.75 Kbytes
Page   127 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 8K Bytes In-System Programmable Flash

AT90S8535 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90S8535 Datasheet PDF - ATMEL Corporation

Part # AT90S8535
Download  AT90S8535 Click to download

File Size   2454.75 Kbytes
Page   127 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 8K Bytes In-System Programmable Flash

AT90S8535 Datasheet (HTML) - ATMEL Corporation


AT90S8535 Product details

Description
The AT90S4434/8535 is a low-power CMOS 8-bit microcontroller based on the AVR® enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90S4434/8535 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• Utilizes the AVR ® Enhanced RISC Architecture
• AVR - High Performance and Low Power RISC Architecture
• 118 Powerful Instructions - Most Single Clock Cycle Execution
• 8K bytes of In-System Programmable Flash AT90S/LS8535
4K bytes of In-System Programmable Flash AT90S/LS4434
– SPI Serial Interface for In-System Programming
– Endurance: 1,000 Write/Erase Cycles
• 512 bytes EEPROM AT90S/LS8535
256 bytes EEPROM AT90S/LS4434
– Endurance: 100,000 Write/Erase Cycles
• 512 bytes Internal SRAM AT90S/LS8535
256 bytes Internal SRAM AT90S/LS4434
• 8-Channel, 10-Bit ADC
• 32 x 8 General Purpose Working Registers
• 32 Programmable I/O Lines
• Programmable Serial UART
• VCC: 4.0 - 6.0V AT90S4434/AT90S8535
• VCC: 2.7 - 6.0V AT90LS4434/AT90LS8535
• Speed Grades:
0 - 8 MHz AT90S4434/AT90S8535,
0 - 4 MHz (AT90LS4434/AT90LS8535
• Power-On Reset Circuit
• Up to 8 MIPS Throughput at 8 MHz
• RTC with Separate Oscillator and Counter Mode
• Two 8-Bit Timer/Counters with Separate Prescaler and Compare Mode
• One 16-Bit Timer/Counter with Separate Prescaler and Compare and Capture Modes
• 3 PWM channels
• External and Internal Interrupt Sources
• Programmable Watchdog Timer with On-Chip Oscillator
• On-Chip Analog Comparator
• Three Sleep Modes: Idle, Power Save, and Power Down
• Programming Lock for Software Security




Similar Part No. - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
AT90S8535 ETC2-AT90S8535 Datasheet
75Kb / 2P
AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
logo
ATMEL Corporation
AT90S8535 ATMEL-AT90S8535 Datasheet
2Mb / 61P
AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S8535-8AC ATMEL-AT90S8535-8AC Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT90S8535-8AI ATMEL-AT90S8535-8AI Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results


Similar Description - AT90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com