Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX3200 Datasheet (PDF) - Kycon, Inc.

STX3200 Datasheet PDF - Kycon, Inc.
Part # STX3200
Download  STX3200 Download
File Size   479.25 Kbytes
Page   1 Pages
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.
Description PCB Mount 3.5mm Audio Jack

STX3200 Datasheet (PDF)

Go To PDF Page Download Datasheet
STX3200 Datasheet PDF - Kycon, Inc.

Part # STX3200
Download  STX3200 Click to download

File Size   479.25 Kbytes
Page   1 Pages
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.
Description PCB Mount 3.5mm Audio Jack

STX3200 Datasheet (HTML) - Kycon, Inc.




Similar Part No. - STX3200

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
STX3000 KYCON-STX3000 Datasheet
366Kb / 1P
3.5mm Audio Jack All Plastic PCB Mount
STX3081 KYCON-STX3081 Datasheet
544Kb / 1P
PCB Mount 3.5mm Low Profile Audio Jack
logo
STMicroelectronics
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
N-channel 600 V, 0.11 Ω, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
11-Nov-2008
logo
Kycon, Inc.
STX3100 KYCON-STX3100 Datasheet
514Kb / 1P
PCB Mount 3.5mm Audio Jack
STX3120 KYCON-STX3120 Datasheet
436Kb / 1P
3.5mm Audio Jack All Plastic PCB Mount
More results


Similar Description - STX3200

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
logo
List of Unclassifed Man...
STX-3000 ETC2-STX-3000 Datasheet
830Kb / 2P
3.5mm Audio Jack All Plastic PCB Mount
STX-3120-3B ETC2-STX-3120-3B Datasheet
910Kb / 2P
3.5mm Audio Jack All Plastic PCB Mount
logo
Kycon, Inc.
STX3000 KYCON-STX3000 Datasheet
366Kb / 1P
3.5mm Audio Jack All Plastic PCB Mount
STX3081 KYCON-STX3081 Datasheet
544Kb / 1P
PCB Mount 3.5mm Low Profile Audio Jack
STX3100 KYCON-STX3100 Datasheet
514Kb / 1P
PCB Mount 3.5mm Audio Jack
STX3120 KYCON-STX3120 Datasheet
436Kb / 1P
3.5mm Audio Jack All Plastic PCB Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com