Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7866 Datasheet (PDF) - NXP Semiconductors

OM7866 Datasheet PDF - NXP Semiconductors
Part # OM7866
Download  OM7866 Download
File Size   151.27 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1 GHz 12 dB gain wideband amplifier MMIC

OM7866 Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7866 Datasheet PDF - NXP Semiconductors

Part # OM7866
Download  OM7866 Click to download

File Size   151.27 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1 GHz 12 dB gain wideband amplifier MMIC

OM7866 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - OM7866

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7800IH IRF-OM7800IH Datasheet
39Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
OM7805AIH IRF-OM7805AIH Datasheet
39Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7805AIHP ETC2-OM7805AIHP Datasheet
45Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
logo
International Rectifier
OM7805H IRF-OM7805H Datasheet
39Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
OM7805IH IRF-OM7805IH Datasheet
39Kb / 4P
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
More results


Similar Description - OM7866

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC743LP6C HITTITE-HMC743LP6C Datasheet
582Kb / 14P
0.5 dB LSB GaAs MMIC 12-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
logo
Hittite Microwave Corpo...
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
Pasternack Enterprises,...
PE15A3505 PASTERNACK-PE15A3505 Datasheet
488Kb / 6P
48 dB Gain, 1 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 PHILIPS-BGA3015_15 Datasheet
151Kb / 15P
1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3018 PHILIPS-BGA3018_15 Datasheet
151Kb / 15P
1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 NXP-BGA3015 Datasheet
151Kb / 15P
1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3018 NXP-BGA3018 Datasheet
151Kb / 15P
1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com