Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1940T Datasheet (PDF) - Sanyo Semicon Device

LB1940T Datasheet PDF - Sanyo Semicon Device
Part # LB1940T
Download  LB1940T Download
File Size   450.35 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LB1940T

LB1940T Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1940T Datasheet PDF - Sanyo Semicon Device

Part # LB1940T
Download  LB1940T Click to download

File Size   450.35 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LB1940T

LB1940T Datasheet (HTML) - Sanyo Semicon Device


LB1940T Product details

Overview

The LB1940T and LB1940U are 2-phase exciter type bipolar stepping motor driver ICs that feature low-voltage, (supporting 3V battery) and low current operation with low saturation voltage. These ICs enable constant-current control of actuators, and are optimal for driving the actuators of PC peripherals such as USB compatible scanners, FDDs, and printers, as well as for controlling the shutter, iris, and AF of a digital still camera.



Features

Low-voltage driving

   2-power source type: VS = 1.6 to 7.5V, VDD = 1.9 to 6.5V

   Single power source type: VS = VDD = 1.9 to 7.5V

Low saturation output: VO(sat) = 0.3V at IO of 200mA

Constant-current control

Built-in reference voltage (Vref = 0.9V)

Small-sized, low-profile package (LB1940T: TSSOP20; 225mil; thickness (t) = 1.2mm max.)

                                          (LB1940U: MSOP20; thickness (t) = 0.85mm max.)




 




Similar Part No. - LB1940T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T Datasheet
297Kb / 8P
2-ch H-Bridge Constant Current Driver
LB1940T SANYO-LB1940T Datasheet
267Kb / 8P
2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
LB1940T ONSEMI-LB1940T Datasheet
251Kb / 8P
2-ch H-Bridge Constant Current Driver
December, 2013
LB1940T-MPB-E ONSEMI-LB1940T-MPB-E Datasheet
251Kb / 8P
2-ch H-Bridge Constant Current Driver
December, 2013
More results






About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com