Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QOU320 Datasheet (PDF) - Schneider Electric

QOU320 Datasheet PDF - Schneider Electric
Part # QOU320
Download  QOU320 Download
File Size   115.96 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA

QOU320 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOU320 Datasheet PDF - Schneider Electric

Part # QOU320
Download  QOU320 Click to download

File Size   115.96 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA

QOU320 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOU320

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU3201021 SCHNEIDER-QOU3201021 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Shunt Trip
Feb 21, 2020
QOU3201042 SCHNEIDER-QOU3201042 Datasheet
134Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Shunt Trip
QOU3201200 SCHNEIDER-QOU3201200 Datasheet
100Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Aux Switch
QOU3202100 SCHNEIDER-QOU3202100 Datasheet
100Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Alarm Switch
Mar 2, 2020
QOU3203100 SCHNEIDER-QOU3203100 Datasheet
90Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Mounting Foot
More results


Similar Description - QOU320

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU220H SCHNEIDER-QOU220H Datasheet
108Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA
QOU325 SCHNEIDER-QOU325 Datasheet
99Kb / 2P
QOU Miniature Circuit Breaker, 25A, 3P, 240V, 10kA
Feb 21, 2020
QOU335 SCHNEIDER-QOU335 Datasheet
147Kb / 2P
QOU Miniature Circuit Breaker, 35A, 3P, 240V, 10kA
Feb 21, 2020
QOU380 SCHNEIDER-QOU380 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 80A, 3P, 240V, 10kA
Feb 21, 2020
QOU3201021 SCHNEIDER-QOU3201021 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Shunt Trip
Feb 21, 2020
QOU3205283 SCHNEIDER-QOU3205283 Datasheet
115Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Ring Terminal
Feb 21, 2020
QOU3201042 SCHNEIDER-QOU3201042 Datasheet
134Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Shunt Trip
QOU3201200 SCHNEIDER-QOU3201200 Datasheet
100Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Aux Switch
QOU3202100 SCHNEIDER-QOU3202100 Datasheet
100Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Alarm Switch
Mar 2, 2020
QOU3203100 SCHNEIDER-QOU3203100 Datasheet
90Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Mounting Foot
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com