Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QOUR115 Datasheet (PDF) - Schneider Electric

QOUR115 Datasheet PDF - Schneider Electric
Part # QOUR115
Download  QOUR115 Download
File Size   106.62 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA

QOUR115 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOUR115 Datasheet PDF - Schneider Electric

Part # QOUR115
Download  QOUR115 Click to download

File Size   106.62 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA

QOUR115 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOUR115

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR1153100 SCHNEIDER-QOUR1153100 Datasheet
103Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA, Mounting Foot
QOUR1155283 SCHNEIDER-QOUR1155283 Datasheet
105Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA, Ring Terminal
QOUR1155283CCC SCHNEIDER-QOUR1155283CCC Datasheet
97Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA, Ring Terminal, CCC
QOUR115HM SCHNEIDER-QOUR115HM Datasheet
100Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA, High Mag.
QOUR115VH SCHNEIDER-QOUR115VH Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 22kA
More results


Similar Description - QOUR115

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR110 SCHNEIDER-QOUR110 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUR120 SCHNEIDER-QOUR120 Datasheet
89Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUR130 SCHNEIDER-QOUR130 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 30A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUR1155283 SCHNEIDER-QOUR1155283 Datasheet
105Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA, Ring Terminal
QOUR115HM SCHNEIDER-QOUR115HM Datasheet
100Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA, High Mag.
QOUR125 SCHNEIDER-QOUR125 Datasheet
100Kb / 2P
QOUR Miniature Circuit Breaker, 25A, 1P, 120/240V, 10kA
QOUR140 SCHNEIDER-QOUR140 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 40A, 1P, 120/240V, 10kA
QOUR145 SCHNEIDER-QOUR145 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 45A, 1P, 120/240V, 10kA
Mar 2, 2020
QOUR160 SCHNEIDER-QOUR160 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 60A, 1P, 120/240V, 10kA
Mar 2, 2020
QOUR1153100 SCHNEIDER-QOUR1153100 Datasheet
103Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA, Mounting Foot
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com