Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QOUR320 Datasheet (PDF) - Schneider Electric

QOUR320 Datasheet PDF - Schneider Electric
Part # QOUR320
Download  QOUR320 Download
File Size   117.11 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUQ Miniature Circuit Breaker, 20A, 3P, 240V, 10kA

QOUR320 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOUR320 Datasheet PDF - Schneider Electric

Part # QOUR320
Download  QOUR320 Click to download

File Size   117.11 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUQ Miniature Circuit Breaker, 20A, 3P, 240V, 10kA

QOUR320 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOUR320

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR3203100 SCHNEIDER-QOUR3203100 Datasheet
107Kb / 2P
QOUQ Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Mounting Foot
Mar 2, 2020
QOUR3205283 SCHNEIDER-QOUR3205283 Datasheet
110Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Ring Terminal
Mar 2, 2020
More results


Similar Description - QOUR320

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUQ315 SCHNEIDER-QOUQ315 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 15A, 3P, 240V, 10kA
QOUQ320 SCHNEIDER-QOUQ320 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 20A, 3P, 240V, 10kA
QOUQ350 SCHNEIDER-QOUQ350 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 50A, 3P, 240V, 10kA
Feb 21, 2020
QOUR330 SCHNEIDER-QOUR330 Datasheet
117Kb / 2P
QOUQ Miniature Circuit Breaker, 30A, 3P, 240V, 10kA
Feb 21, 2020
QOUQ335 SCHNEIDER-QOUQ335 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 35A, 3P, 240V, 10kA
QOUQ345 SCHNEIDER-QOUQ345 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 45A, 3P, 240V, 10kA
QOUQ360 SCHNEIDER-QOUQ360 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
QOUR310 SCHNEIDER-QOUR310 Datasheet
117Kb / 2P
QOUQ Miniature Circuit Breaker, 10A, 3P, 240V, 10kA
QOUR325 SCHNEIDER-QOUR325 Datasheet
117Kb / 2P
QOUQ Miniature Circuit Breaker, 25A, 3P, 240V, 10kA
QOUR3203100 SCHNEIDER-QOUR3203100 Datasheet
107Kb / 2P
QOUQ Miniature Circuit Breaker, 20A, 3P, 240V, 10kA, Mounting Foot
Mar 2, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com