Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8499 Datasheet (PDF) - Allegro MicroSystems

A8499 Datasheet PDF - Allegro MicroSystems
Part # A8499
Download  A8499 Download
File Size   307.04 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Voltage Step-Down Regulator

A8499 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8499 Datasheet PDF - Allegro MicroSystems

Part # A8499
Download  A8499 Click to download

File Size   307.04 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Voltage Step-Down Regulator

A8499 Datasheet (HTML) - Allegro MicroSystems


A8499 Product details

Features and Benefits
▪ 8 to 50 V input range
▪ Integrated DMOS switch
▪ Adjustable fixed off-time
▪ Highly efficient
▪ Adjustable 1.2 to 24 V output




Similar Part No. - A8499

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8498 ALLEGRO-A8498 Datasheet
332Kb / 9P
Wide Input Voltage 3.0 A Step Down Regulator
A8498SLJ-T ALLEGRO-A8498SLJ-T Datasheet
332Kb / 9P
Wide Input Voltage 3.0 A Step Down Regulator
A8498SLJTR-T ALLEGRO-A8498SLJTR-T Datasheet
332Kb / 9P
Wide Input Voltage 3.0 A Step Down Regulator
More results


Similar Description - A8499

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
High Voltage 1A Step Down Switching Regulator
logo
Allegro MicroSystems
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
High Voltage Step Down Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
High Voltage (80V) Step Down Switching Regulator
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
High Voltage Step-Down Regulator
AAT1189 ANALOGICTECH-AAT1189 Datasheet
3Mb / 19P
High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A4447 ALLEGRO-A4447 Datasheet
326Kb / 9P
High Voltage Step Down Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
High Voltage (100V) Step Down Switching Regulator
logo
Allegro MicroSystems
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
High Voltage Step Down Regulator
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
High Voltage (80V) Step Down Switching Regulator
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
High Voltage (100V) Step Down Switching Regulator
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com