Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33167 Datasheet (PDF) - ON Semiconductor

MC33167 Datasheet PDF - ON Semiconductor
Part # MC33167
Download  MC33167 Download
File Size   408.99 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER SWITCHING REGULATORS

MC33167 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33167 Datasheet PDF - ON Semiconductor

Part # MC33167
Download  MC33167 Click to download

File Size   408.99 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER SWITCHING REGULATORS

MC33167 Datasheet (HTML) - ON Semiconductor


MC33167 Product details

The MC34167, MC33167 series are high performance fixed frequency power switching regulators that contain the primary functions required for dc–to–dc converters. This series was specifically designed to be incorporated in step–down and voltage–inverting configurations with a minimum number of external components and can also be used cost effectively in step–up applications.



•Output Switch Current in Excess of 5.0 A

•Fixed Frequency Oscillator (72 kHz) with On–Chip Timing

•Provides 5.05 V Output without External Resistor Divider

•Precision 2% Reference

•0% to 95% Output Duty Cycle

•Cycle–by–Cycle Current Limiting

•Undervoltage Lockout with Hysteresis

•Internal Thermal Shutdown

•Operation from 7.5 V to 40 V

•Standby Mode Reduces Power Supply Current to 36 µA

•Economical 5–Lead TO–220 Package with Two Optional Leadforms

•Also Available in Surface Mount D2

PAK Package

•Moisture Sensitivity Level (MSL) Equals 1




Similar Part No. - MC33167

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33167 ONSEMI-MC33167 Datasheet
263Kb / 20P
5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
ON Semiconductor
MC33167D2T ONSEMI-MC33167D2T Datasheet
263Kb / 20P
5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2T ONSEMI-MC33167D2T Datasheet
263Kb / 20P
5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC33167D2TG ONSEMI-MC33167D2TG Datasheet
263Kb / 20P
5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
More results


Similar Description - MC33167

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
logo
Shindengen Electric Mfg...
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
Power Switching Regulators
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
Power Switching Regulators
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com