Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4089 Datasheet (PDF) - Intersil Corporation

EL4089 Datasheet PDF - Intersil Corporation
Part # EL4089
Download  EL4089 Download
File Size   129.99 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description DC Restored Video Amplifier

EL4089 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4089 Datasheet PDF - Intersil Corporation

Part # EL4089
Download  EL4089 Click to download

File Size   129.99 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description DC Restored Video Amplifier

EL4089 Datasheet (HTML) - Intersil Corporation


EL4089 Product details

General Description

The EL4089C is an 8-pin complete DC-restored monolithic video amplifier sub-system. It contains a high quality video amplifier and a nulling, sample-and-hold amplifier specifically designed to stabilize video performance. When the HOLD logic input is set to a TTL/CMOS logic 0, the sample- and-hold amplifier can be used to null the DC offset of the video amplifer.



Features

# Complete video level restoration system

# 0.02% differential gain and 0.05§ differential phase accuracy at NTSC

# 60 MHz bandwidth

# 0.1 dB flatness to 10 MHz

# VS e g5V to g15V

# TTL/CMOS hold signal



Applications

# Input amplifier in video equipment

# Restoration amplifier in video mixers




Similar Part No. - EL4089

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4089 ELANTEC-EL4089 Datasheet
211Kb / 8P
DC Restored Video Amplifier
logo
Renesas Technology Corp
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
DC Restored Video Amplifier
EL4089CN ELANTEC-EL4089CN Datasheet
211Kb / 8P
DC Restored Video Amplifier
logo
Renesas Technology Corp
EL4089CN RENESAS-EL4089CN Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
More results


Similar Description - EL4089

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
100 MHz DC-Restored Video Amplifier
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
DC Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
300MHz DC-Restored Video Amplifier
January 1996
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
100MHz DC-Restored Video Amplifier
August 1995
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
DC-Restored Video Amplifier
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
300MHz DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com