Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4094 Datasheet (PDF) - Intersil Corporation

EL4094 Datasheet PDF - Intersil Corporation
Part # EL4094
Download  EL4094 Download
File Size   491.97 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Video Gain Control/Fader

EL4094 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4094 Datasheet PDF - Intersil Corporation

Part # EL4094
Download  EL4094 Click to download

File Size   491.97 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Video Gain Control/Fader

EL4094 Datasheet (HTML) - Intersil Corporation


EL4094 Product details

Video Gain Control/Fader



The EL4094 is a complete two-input fader. It combines two inputs according to the equation:

VOUT= VINA(0.5V + VG) + VINB(0.5V - VG), where VGAINis the difference between VGAINand VGAIN pin voltages and ranges from -0.5V to +0.5V. It has a wide 60MHz bandwidth at -3dB, and is designed for excellent video distortion performance. The EL4094 is the same circuit as the EL4095, but with feedback resistors included on-chip to implement unity-gain connection. An output buffer is included in both circuits. The gain-control input is also very fast, with a 20MHz small signal bandwidth and 70ns recovery time from overdrive. The EL4094 is compatible with power supplies from ±5V to ±15V, and is available in both the 8-pin plastic DIP and SO-8.



Features

• Complete video fader

• 0.02%/0.04° differential gain/phase @100% gain

• Output amplifier included

• Calibrated linear gain control

• ±5V to ±15V operation

• 60MHz bandwidth

• Low thermal errors



Applications

• Video faders/wipers

• Gain control

• Video text insertion

•Level adjust

• Modulation




Similar Part No. - EL4094

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4094 ELANTEC-EL4094 Datasheet
311Kb / 12P
Video Gain Control/Fader
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
Video Gain Control/Fader
EL4094CN ELANTEC-EL4094CN Datasheet
311Kb / 12P
Video Gain Control/Fader
EL4094CS ELANTEC-EL4094CS Datasheet
311Kb / 12P
Video Gain Control/Fader
More results


Similar Description - EL4094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
Sound fader control circuit
May 1990
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
Sound fader control circuit
1995 Dec 19
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
Video Gain Control/Fader
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
Video Gain Control/Fader/Multiplexer
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
Video Fader
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
logo
Intersil Corporation
EL4095 INTERSIL-EL4095 Datasheet
767Kb / 19P
Video Gain Control/Fader/Multiplexer
August 1996
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
Video Fader
January 1995
logo
Linear Technology
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com