Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6293CLZ Datasheet (PDF) - Intersil Corporation

EL6293CLZ Datasheet PDF - Intersil Corporation
Part # EL6293CLZ
Download  EL6293CLZ Download
File Size   45.29 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Diode Driver with Waveform Generator

EL6293CLZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6293CLZ Datasheet PDF - Intersil Corporation

Part # EL6293CLZ
Download  EL6293CLZ Click to download

File Size   45.29 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Diode Driver with Waveform Generator

EL6293CLZ Datasheet (HTML) - Intersil Corporation


EL6293CLZ Product details

Laser Diode Driver with Waveform Generator

The EL6293 is a highly integrated laser diode driver designed to support multi-standard writable optical drives. It accomplishes this by incorporating a waveform generator wherein the diode currents and timing details can be programmed before operation. The data input circuitry inspects the NRZ serial data waveform and generates programmed waveforms in recognition of 3, 4, 5, or 6 or more clock periods of space changing to 3, 4, 5, or 6 or more clock periods of mark, and vice versa.

Features
• Complete programmable laser diode driver
• 350mA maximum total output
• 8-bit x 8-bit multiplying DAC output provides 8-bit full scale adjustment and 8-bit resolution at any full scale output
• 0.17ns timer resolution
• Two laser outputs allows read/write DVD and CD combinations
• Programmable waveform values support 2.6GB DVDRAM, 4.7GB DVD-RAM, DVD-R, DVD+RW, DVD-RW, CD-RW, and CD-R
• Analog input supports APC
• HFM oscillator programmable to 100mAP-P from 100MHz to 500MHz
• PLL allows reduced-frequency clock on flex cable
• Separate serial input works up to 25Mb/sec
• Fast I/V amplifier with sampler
• Pb-free Available as an Option

Applications
• Combination DVD writable and CD writable drives
• DVD camcorders
• DVD video recorders




Similar Part No. - EL6293CLZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6293CL ELANTEC-EL6293CL Datasheet
138Kb / 2P
Laser Diode Driver with Waveform Generator
More results


Similar Description - EL6293CLZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6290C ELANTEC-EL6290C Datasheet
137Kb / 2P
Laser Diode Driver with Waveform Generator
EL6291C ELANTEC-EL6291C Datasheet
138Kb / 2P
Laser Diode Driver with Waveform Generator
logo
Intersil Corporation
EL6938 INTERSIL-EL6938 Datasheet
95Kb / 2P
Laser Diode Driver with Waveform Generator
June 24, 2004
EL6196 INTERSIL-EL6196 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 8, 2004
EL6196A INTERSIL-EL6196A Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
September 1, 2004
EL6296 INTERSIL-EL6296 Datasheet
48Kb / 2P
Laser Diode Driver with Waveform Generator
August 18, 2004
EL6298 INTERSIL-EL6298 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6900 INTERSIL-EL6900 Datasheet
25Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6934 INTERSIL-EL6934 Datasheet
96Kb / 2P
Laser Diode Driver with Waveform Generator
March 17, 2004
EL6934A INTERSIL-EL6934A Datasheet
99Kb / 2P
Laser Diode Driver with Waveform Generator
July 26, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com