Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7520 Datasheet (PDF) - Intersil Corporation

EL7520 Datasheet PDF - Intersil Corporation
Part # EL7520
Download  EL7520 Download
File Size   607.64 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel DC/DC Controller

EL7520 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7520 Datasheet PDF - Intersil Corporation

Part # EL7520
Download  EL7520 Click to download

File Size   607.64 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel DC/DC Controller

EL7520 Datasheet (HTML) - Intersil Corporation


EL7520 Product details

EL7520 and EL7520A are 4-channel DC/DC controllers that provide a complete power supply system for TFT-LCD applications. They consist of a 1MHz PWM boost controller, which generates the main voltage for the column driver, and three LDO controllers for VON, VOFF, and VLOGIC supplies. They also include integrated start-up sequence and start-up delay control.

Features
• Complete TFT-LCD supply controller
   - 1MHz PWM boost controller
   - VON LDO controller
   - VOFF LDO controller
   - Logic supply LDO controller
• Integrated start-up sequence for VLOGIC/VBOOST, VOFF, VON or VLOGIC, VOFF, VBOOST, VON
   - VLOGIC permanently enabled in A version (EL7520A)
• Programmable sequence delay
• In-rush current control
• Fully fault protected
• Thermal shutdown
• Internal soft-start
• 3V to 5.5V VDD
• 20 Ld 4x4 QFN package
• Low cost
• Pb-Free plus anneal available (RoHS compliant)

Applications
• LCD monitors (15”+)
• LCD-TV (up to 40”+)
• Notebook displays (up to 16”)
• Industrial/medical LCD displays




Similar Part No. - EL7520

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7520 RENESAS-EL7520 Datasheet
883Kb / 18P
4-Channel DC/DC Controller
EL7520AILZ RENESAS-EL7520AILZ Datasheet
883Kb / 18P
4-Channel DC/DC Controller
EL7520AILZ-T13 RENESAS-EL7520AILZ-T13 Datasheet
883Kb / 18P
4-Channel DC/DC Controller
EL7520AILZ-T7 RENESAS-EL7520AILZ-T7 Datasheet
883Kb / 18P
4-Channel DC/DC Controller
EL7520ILZ RENESAS-EL7520ILZ Datasheet
883Kb / 18P
4-Channel DC/DC Controller
More results


Similar Description - EL7520

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9300 ROHM-BD9300 Datasheet
66Kb / 3P
1-channel DC/DC converter controller
logo
List of Unclassifed Man...
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
6-Channel DC-DC Controller for DSC
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
DC / DC Converter Controller
logo
Renesas Technology Corp
PD168807 RENESAS-PD168807_15 Datasheet
541Kb / 32P
4-ch Output DC-DC Converter Controller IC
EL7520 RENESAS-EL7520 Datasheet
883Kb / 18P
4-Channel DC/DC Controller
EL7584 RENESAS-EL7584 Datasheet
762Kb / 16P
4-Channel DC/DC Converter
logo
Generalplus Technology ...
GPCDXLXXXA GENERALPLUS-GPCDXLXXXA Datasheet
1Mb / 18P
Multi-Channel Sound Controller with DC-DC Booster
logo
Princeton Technology Co...
PT16972 PTC-PT16972 Datasheet
429Kb / 4P
4-Channel 100mA LED Driver with DC-DC Controller
logo
Infineon Technologies A...
TLD6098-1EP INFINEON-TLD6098-1EP Datasheet
1Mb / 48P
Multitopology single-channel DC-DC controller
Rev.1.10 2021-09-30
logo
Renesas Technology Corp
UPD168807 RENESAS-UPD168807 Datasheet
540Kb / 32P
4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com