Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7558B Datasheet (PDF) - Intersil Corporation

EL7558B Datasheet PDF - Intersil Corporation
Part # EL7558B
Download  EL7558B Download
File Size   209.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Adjustable 8 Amp Synchronous Switcher

EL7558B Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7558B Datasheet PDF - Intersil Corporation

Part # EL7558B
Download  EL7558B Click to download

File Size   209.91 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Adjustable 8 Amp Synchronous Switcher

EL7558B Datasheet (HTML) - Intersil Corporation


EL7558B Product details

Integrated Adjustable 8 Amp Synchronous Switcher

The EL7558B is an adjustable synchronous DC:DC switching regulator optimized for a 5V input and 1.0V-3.8V output. By combining integrated NMOS power FETS with a HSOP package the EL7558B can supply up to 8A continuous output current without the use of external power devices or externally attached heat sinks, thereby minimizing design effort and overall system cost.

Features
• EL7558/EL7558A pin-compatible
• Improved temperature and voltage ranges
• 8A continuous load current
• Precision internal 1% reference
• 1.0V to 3.8V output voltage
• Internal power MOSFETs
• >90% efficiency
• Synchronous switching
• Adjustable slope compensation
• Over-temperature indicator
• Pulse-by-pulse current limiting
• Operates up to 1MHz
• 1.5% typical output accuracy
• Adjustable oscillator with sync
• Remote enable/disable
• Intel P54- and P55-compatible
• VCC2DET interface
• Internal soft-start

Applications
• PC motherboards
• Local high power CPU supplies
• 5V to 1.0V DC:DC conversion
• Portable electronics/instruments
• P54 and P55 regulators
• GTL+ Bus power supply




Similar Part No. - EL7558B

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
Integrated Adjustable 8 Amp Synchronous Switcher
EL7558BCM ELANTEC-EL7558BCM Datasheet
351Kb / 13P
Integrated Adjustable 8 Amp Synchronous Switcher
EL7558BCM-T13 ELANTEC-EL7558BCM-T13 Datasheet
351Kb / 13P
Integrated Adjustable 8 Amp Synchronous Switcher
More results


Similar Description - EL7558B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6400 TI-PT6400 Datasheet
227Kb / 5P
3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6600 TI-PT6600 Datasheet
242Kb / 5P
9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
logo
Elantec Semiconductor
EL7556BC ELANTEC-EL7556BC Datasheet
322Kb / 13P
Integrated Adjustable 6 Amp Synchronous Switcher
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
Integrated Adjustable 8 Amp Synchronous Switcher
logo
Intersil Corporation
EL7558D INTERSIL-EL7558D Datasheet
209Kb / 11P
Integrated Adjustable 8 Amp Synchronous Switcher
March 27, 2003
EL7556B INTERSIL-EL7556B Datasheet
199Kb / 11P
Integrated Adjustable 6 Amp Synchronous Switcher
October 5, 2001
EL7556D INTERSIL-EL7556D Datasheet
243Kb / 11P
Integrated Adjustable 6 Amp Synchronous Switcher
August 1, 2005
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
INTEGRATED SWITCHER
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
Integrated Adjustable 6 Amp Synchronous Switcher
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com