Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8108 Datasheet (PDF) - Intersil Corporation

EL8108 Datasheet PDF - Intersil Corporation
Part # EL8108
Download  EL8108 Download
File Size   597.34 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Video Distribution Amplifier

EL8108 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL8108 Datasheet PDF - Intersil Corporation

Part # EL8108
Download  EL8108 Click to download

File Size   597.34 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Video Distribution Amplifier

EL8108 Datasheet (HTML) - Intersil Corporation


EL8108 Product details

Video Distribution Amplifier

The EL8108 is a dual current feedback operational amplifier designed for video distribution solutions. This device features a high drive capability of 450mA while consuming only 5mA of supply current per amplifier and operating from a single 5V to 12V supply.

Features
• Drives up to 450mA from a +12V supply
• 20VP-P differential output drive into 100Ω
• -85dBc typical driver output distortion at full output at 150kHz
• -70dBc typical driver output distortion at 3.75MHz
• Low quiescent current of 5mA per amplifier
• 300MHz bandwidth
• Pb-free available (RoHS compliant)

Applications
• Video distribution amplifiers




Similar Part No. - EL8108

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8108 INTERSIL-EL8108 Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
logo
Renesas Technology Corp
EL8108 RENESAS-EL8108 Datasheet
677Kb / 14P
Video Distribution Amplifier
logo
Intersil Corporation
EL8108IL INTERSIL-EL8108IL Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
logo
Renesas Technology Corp
EL8108IL RENESAS-EL8108IL Datasheet
677Kb / 14P
Video Distribution Amplifier
logo
Intersil Corporation
EL8108IL-T13 INTERSIL-EL8108IL-T13 Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
More results


Similar Description - EL8108

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
VIDEO AMPLIFIER
logo
NXP Semiconductors
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
Video amplifier
April 15, 1992
logo
Elantec Semiconductor
EL2099C ELANTEC-EL2099C Datasheet
355Kb / 16P
Video Distribution Amplifier
logo
Intersil Corporation
EL2099 INTERSIL-EL2099 Datasheet
245Kb / 12P
Video Distribution Amplifier
January 1996
5962-0721201QXC INTERSIL-5962-0721201QXC Datasheet
229Kb / 10P
Video Distribution Amplifier
November 1, 2007
EL8108 INTERSIL-EL8108_08 Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
logo
Agamem Microelectronic ...
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
VIDEO AMPLIFIER
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
Video Amplifier
March, 2016 ??Rev. 5
logo
Renesas Technology Corp
EL8108 RENESAS-EL8108 Datasheet
677Kb / 14P
Video Distribution Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com