Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA05-6 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SMDA05-6 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SMDA05-6
Download  SMDA05-6 Download
File Size   256.36 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES

SMDA05-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDA05-6 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMDA05-6
Download  SMDA05-6 Click to download

File Size   256.36 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES

SMDA05-6 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SMDA05-6 Product details

Features
● Ultra low leakage: nA level
● Operating voltage: 5V
● Low clamping voltage
● Complies with following standards:
   – IEC 61000-4-2 (ESD) immunity test
      Air discharge: ±15kV
      Contact discharge: ±8kV
   – IEC61000-4-4 (EFT) 40A (5/50ns)
   – IEC61000-4-5 (Lightning) 12A (8/20μs)
● RoHS Compliant

Applications
● USB 2.0 power and data line
● Set-top box and digital TV
● Digital video interface (DVI)
● Notebook Computers
● SIM Ports
● 10/100 Ethernet




Similar Part No. - SMDA05-6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
logo
Micro Commercial Compon...
SMDA05-6 MCC-SMDA05-6 Datasheet
131Kb / 2P
TVSarray Series
logo
Microsemi Corporation
SMDA05-6 MICROSEMI-SMDA05-6 Datasheet
94Kb / 2P
TVSarray Series
logo
Semtech Corporation
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
160Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
logo
Protek Devices
SMDA05-6 PROTEC-SMDA05-6 Datasheet
512Kb / 6P
300 WATT MULTI-LINE TVS ARRAY
More results


Similar Description - SMDA05-6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
Unidirectional TVS Array for Protection of Four Lines?
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
Unidirectional TVS Array for Protection of Four Lines
logo
Yea Shin Technology Co....
YSDAXX02M3 YEASHIN-YSDAXX02M3 Datasheet
748Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
logo
Shanghai Leiditech Elec...
SMDA24-6 LEIDITECH-SMDA24-6 Datasheet
197Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
logo
Shanghai Leiditech Elec...
SMDA12-6 LEIDITECH-SMDA12-6 Datasheet
256Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES
SMDA15-6 LEIDITECH-SMDA15-6 Datasheet
256Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES
SMDA24-6 LEIDITECH-SMDA24-6_V01 Datasheet
256Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY FOR PROTECTIONAL SIX LINES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com