Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA05C Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SMDA05C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SMDA05C
Download  SMDA05C Download
File Size   266.51 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Bidirectional TVS Diode Array

SMDA05C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDA05C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMDA05C
Download  SMDA05C Click to download

File Size   266.51 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Bidirectional TVS Diode Array

SMDA05C Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SMDA05C Product details

Features
● Ultra low leakage: nA level
● Operating voltage: 5V
● Low clamping voltage
● Complies with following standards:
   – IEC 61000-4-2 (ESD) immunity test
      Air discharge: ±15kV
      Contact discharge: ±8kV
   – IEC61000-4-4 (EFT) 40A (5/50ns)
   – IEC61000-4-5 (Lightning) 12A (8/20μs)
● RoHS Compliant

Applications
● USB 2.0 power and data line
● Set-top box and digital TV
● Digital video interface (DVI)
● Notebook Computers
● SIM Ports
● 10/100 Ethernet




Similar Part No. - SMDA05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05C SEMTECH-SMDA05C Datasheet
167Kb / 7P
Bidirectional TVS Array for Protection of Four Lines
logo
Micro Commercial Compon...
SMDA05C MCC-SMDA05C Datasheet
143Kb / 2P
TVSarray Series
logo
Microsemi Corporation
SMDA05C MICROSEMI-SMDA05C Datasheet
103Kb / 2P
TVSarray Series
logo
Protek Devices
SMDA05C PROTEC-SMDA05C Datasheet
84Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Semtech Corporation
SMDA05C SEMTECH-SMDA05C Datasheet
167Kb / 7P
Bidirectional TVS Array for Protection of Four Lines
More results


Similar Description - SMDA05C

ManufacturerPart #DatasheetDescription
logo
StarHope
TESD03FB SPSEMI-TESD03FB Datasheet
389Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSESDA0502CT3 YEASHIN-YSESDA0502CT3 Datasheet
644Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY
YSMXXLC YEASHIN-YSMXXLC Datasheet
756Kb / 3P
Bidirectional TVS Diode Array
logo
Shanghai Leiditech Elec...
SMDA12C LEIDITECH-SMDA12C Datasheet
266Kb / 3P
Bidirectional TVS Diode Array
SMDA15C LEIDITECH-SMDA15C Datasheet
266Kb / 3P
Bidirectional TVS Diode Array
SMDA24C LEIDITECH-SMDA24C Datasheet
266Kb / 3P
Bidirectional TVS Diode Array
logo
Rectron Semiconductor
TEPM24CV RECTRON-TEPM24CV Datasheet
321Kb / 4P
Bidirectional TVS Diode Array
TEPMXXC RECTRON-TEPMXXC Datasheet
250Kb / 5P
Bidirectional TVS Diode Array
TEPMXXCM RECTRON-TEPMXXCM Datasheet
132Kb / 4P
Bidirectional TVS Diode Array
TEPMXXMC RECTRON-TEPMXXMC Datasheet
186Kb / 4P
Bidirectional TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com