Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRDA12-4 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SRDA12-4 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SRDA12-4
Download  SRDA12-4 Download
File Size   279.02 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low Capacitance TVS Diode Array For High Speed Interface

SRDA12-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRDA12-4 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SRDA12-4
Download  SRDA12-4 Click to download

File Size   279.02 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low Capacitance TVS Diode Array For High Speed Interface

SRDA12-4 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SRDA12-4 Product details

Features
● Ultra low leakage: nA level
● Operating voltage: 12V
● Low clamping voltage
● Complies with following standards:
    – IEC 61000-4-2 (ESD) immunity test
        Air discharge: ±15kV
        Contact discharge: ±8kV
    – IEC61000-4-4 (EFT) 40A (5/50ns)
    – IEC61000-4-5 (Lightning) 24A (8/20μs)
● RoHS Compliant

Applications
● USB 2.0 power and data line
● Set-top box and digital TV
● Digital video interface (DVI)
● Notebook Computers
● SIM Ports
● 10/100 Ethernet




Similar Part No. - SRDA12-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
226Kb / 11P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
259Kb / 10P
Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
231Kb / 11P
Low Capacitance TVS Diode Array
SRDA12-4.TB SEMTECH-SRDA12-4.TB Datasheet
268Kb / 10P
RailClamp짰 Low Capacitance TVS Diode Array
More results


Similar Description - SRDA12-4

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCDA05 LEIDITECH-LCDA05 Datasheet
268Kb / 3P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC03 LEIDITECH-SM8LC03 Datasheet
256Kb / 3P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SRDA3.3-4 LEIDITECH-SRDA3.3-4 Datasheet
278Kb / 3P
Low Capacitance TVS Diode Array For High Speed Interface
SRDA3.3-4 LEIDITECH-SRDA3.3-4_V01 Datasheet
278Kb / 3P
Low Capacitance TVS Diode Array For High Speed Interface
SRDA05-4 LEIDITECH-SRDA05-4 Datasheet
279Kb / 3P
Low Capacitance TVS Diode Array For High Speed Interface
SRDA15-4 LEIDITECH-SRDA15-4 Datasheet
279Kb / 3P
Low Capacitance TVS Diode Array For High Speed Interface
SRDA05Q-4 LEIDITECH-SRDA05Q-4 Datasheet
506Kb / 3P
Low Capacitance TVS Diode Array For High Speed Interface
SRH05-4 LEIDITECH-SRH05-4 Datasheet
998Kb / 5P
LOW CAPACITANCE TVS DIODE ARRAY FOR HIGH SURGE INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com