Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEK-COM-GNSST31 Datasheet (PDF) - STMicroelectronics

AEK-COM-GNSST31 Datasheet PDF - STMicroelectronics
Part # AEK-COM-GNSST31
Download  AEK-COM-GNSST31 Download
File Size   941.78 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description GNSS evaluation board based on Teseo-LIV3F for SPC5 microcontrollers

AEK-COM-GNSST31 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEK-COM-GNSST31 Datasheet PDF - STMicroelectronics

Part # AEK-COM-GNSST31
Download  AEK-COM-GNSST31 Click to download

File Size   941.78 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description GNSS evaluation board based on Teseo-LIV3F for SPC5 microcontrollers

AEK-COM-GNSST31 Datasheet (HTML) - STMicroelectronics


AEK-COM-GNSST31 Product details

Description
The AEK-COM-GNSST31 evaluation board is based on the certified Teseo-LIV3F global navigation satellite system (GNSS) module with embedded TeseoIII single die standalone positioning receiver IC. The tiny, affordable, and easy-to use module guarantees superior accuracy and reduced time to first fix (TTFF) thanks to the on-board 26 MHz temperature compensated crystal oscillator (TCXO) and dedicated 32 KHz real-time clock (RTC) oscillator. The evaluation package is used in conjunction with the X-CUBE-GNSS1 firmware to provide the necessary acquisition, tracking, navigation and data output functionality without external memory support. The AEK-COM-GNSST31 evaluation board can be readily connected with an SPC5 MCU for automotive application development as part of the AutoDevKit™ initiative. Product summary GNSS evaluation board based on Teseo-LIV3F for SPC5 microcontrollers AEK-COMGNSST31 Tiny GNSS module Teseo-LIV3F Code generator, quick resource configurator and Eclipse development environment for SPC5 MCUs SPC5-STUDIO AutoDevKit library plugin for SPC5STUDIO STSWAUTODEVKIT Global navigation satellite system software expansion for STM32Cube X-CUBE-GNSS1

Features
■ Sensitivity: -162 dBm indoor (tracking mode)
■ Interfaces: – UART and I²C ports – Configurable digital I/O timepulse – EXTINT input for wakeup
■ NMEA protocol
■ Assisted GNSS: – Predictive autonomous – Predictive server-based – Real-time server-based
■ Compatible with SPC5
■ LNA and SAW filter on the RF path
■ SMA female antenna connector
■ Battery holder
■ Highly compact design: 70 x 65 mm
■ Operating supply voltage: 3.3 - 5 V
■ Ambient temperature: -40/+85 °C
■ Part of the AutoDevKit™ initiative
■ RoHS and WEEE compliant




Similar Part No. - AEK-COM-GNSST31

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AEK-COM-10BASET STMICROELECTRONICS-AEK-COM-10BASET Datasheet
1Mb / 16P
10BASE-T1S MAC-PHY evaluation board
16-Dec-2024
AEK-COM-BLEV1 STMICROELECTRONICS-AEK-COM-BLEV1 Datasheet
3Mb / 12P
Bluetooth communication board based on BlueNRG-1
Rev 1 - February 2020
More results


Similar Description - AEK-COM-GNSST31

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2623 STMICROELECTRONICS-AN2623 Datasheet
1Mb / 25P
Evaluation board for off-line forward converter based on L5991
29-Oct-2007
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
29-Sep-2016
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
EVB-T5 STMICROELECTRONICS-EVB-T5 Datasheet
406Kb / 5P
Teseo-V Evaluation Board
12-Feb-2020
EVB-LIV3F STMICROELECTRONICS-EVB-LIV3F Datasheet
86Kb / 4P
Teseo-LIV3F GNSS module Evaluation Board
November 2017 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com