Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEK-MCU-C1MLIT1 Datasheet (PDF) - STMicroelectronics

AEK-MCU-C1MLIT1 Datasheet PDF - STMicroelectronics
Part # AEK-MCU-C1MLIT1
Download  AEK-MCU-C1MLIT1 Download
File Size   1841.33 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MCU discovery board for SPC5 Chorus 1M automotive microcontroller

AEK-MCU-C1MLIT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEK-MCU-C1MLIT1 Datasheet PDF - STMicroelectronics

Part # AEK-MCU-C1MLIT1
Download  AEK-MCU-C1MLIT1 Click to download

File Size   1841.33 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MCU discovery board for SPC5 Chorus 1M automotive microcontroller

AEK-MCU-C1MLIT1 Datasheet (HTML) - STMicroelectronics


AEK-MCU-C1MLIT1 Product details

Description
The AEK-MCU-C1MLIT1 board exploits the functionality of SPC582B60E1 Power Architecture® microcontrollers with full access to CPUs, I/O signals and peripherals. The SPC58 2B Line MCUs are designed to address automotive vehicle body, gateway and industrial oriented applications. Free ready-to-run application firmware examples are available in SPC5-STUDIO software with AutoDevKit plug-in (STSW-AUTODEVKIT) to support quick evaluation and development. Product summary MCU discovery board for SPC5 Chorus 1M automotive microcontroller AEK-MCUC1MLIT1 32-bit power architecture MCU for automotive general purpose applications - Chorus family SPC582B60E1 Code generator, quick resource configurator and Eclipse development environment for SPC5 MCUs SPC5-STUDIO

Features
■ SPC582B60E1 microcontroller: 32-bit z2 core at 80 Mhz CPU, 32-bit Power Architecture® technology CPU, 1 MB Code Flash in eQFP64 package
■ On-board USB-JTAG PLS debugger and dedicated optional connector to plug a standalone JTAG debugger
■ Extension headers for all the device pins for fast prototyping
■ Mini-B USB port
■ One user push button and one RESET button
■ 3 LEDs for user purposes
■ 3 integrated programmers/debuggers
■ 1 Reset and 1 Power LED (+5 V)
■ 40 MHz Crystal
■ RoHS and WEEE compliant
■ Part of the AutoDevKit™ initiative




Similar Part No. - AEK-MCU-C1MLIT1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AEK-MCU-C4MLIT1 STMICROELECTRONICS-AEK-MCU-C4MLIT1 Datasheet
5Mb / 4P
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
More results


Similar Description - AEK-MCU-C1MLIT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
332Kb / 4P
Discovery kit with STM32F746NG MCU
29-Jun-2015
32F769IDISCOVERY STMICROELECTRONICS-32F769IDISCOVERY Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
AEK-CON-SENSOR1 STMICROELECTRONICS-AEK-CON-SENSOR1 Datasheet
748Kb / 5P
Connector board for SPC5 MCU discovery boards and MEMS sensor boards in DIL 24 socket
10-Feb-2021
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
AEK-MCU-C4MLIT1 STMICROELECTRONICS-AEK-MCU-C4MLIT1 Datasheet
5Mb / 4P
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
AEK-MOT-TK200G1 STMICROELECTRONICS-AEK-MOT-TK200G1 Datasheet
5Mb / 11P
Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com