Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5H100UFN Datasheet (PDF) - STMicroelectronics

STPS5H100UFN Datasheet PDF - STMicroelectronics
Part # STPS5H100UFN
Download  STPS5H100UFN Download
File Size   171.27 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 A - 100 V power Schottky rectifier

STPS5H100UFN Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS5H100UFN Datasheet PDF - STMicroelectronics

Part # STPS5H100UFN
Download  STPS5H100UFN Click to download

File Size   171.27 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 A - 100 V power Schottky rectifier

STPS5H100UFN Datasheet (HTML) - STMicroelectronics


STPS5H100UFN Product details

Description
This high voltage Schottky barrier rectifier has been optimized for use in high frequency miniature DC/DC converters, reverse battery protection, battery chargers and adaptors.

Features
■ Low profile design – package height of 1.1 mm
■ Wettable flanks for automatic visual inspection
■ Low forward voltage drop
■ Avalanche capability
■ ECOPACK2 compliant

Applications
■ Switching diode
■ Notebook adapter
■ LED lighting
■ DC/DC converter




Similar Part No. - STPS5H100UFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5H100 STMICROELECTRONICS-STPS5H100 Datasheet
69Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
15-Feb-2006
STPS5H100 STMICROELECTRONICS-STPS5H100 Datasheet
484Kb / 10P
High voltage power Schottky rectifier
12-May-2017
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
Automotive high voltage power Schottky rectifier
07-Nov-2011
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
Automotive high voltage power Schottky rectifier
07-Nov-2011
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
435Kb / 9P
Automotive 100 V - 5 A power Schottky rectifier
10-Jan-2024
More results


Similar Description - STPS5H100UFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5S100SFY STMICROELECTRONICS-STPS5S100SFY Datasheet
317Kb / 9P
Automotive 100 V, 5 A low Ir power Schottky rectifier
Rev 1 - December 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST5H100SB STMICROELECTRONICS-STPST5H100SB Datasheet
392Kb / 9P
100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com