Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF50BA40 Datasheet (PDF) - SanRex Corporation

DF50BA40 Datasheet PDF - SanRex Corporation
Part # DF50BA40
Download  DF50BA40 Download
File Size   96.62 Kbytes
Page   2 Pages
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation
Description DIODE(THREE PHASES BRIDGE TYPE)

DF50BA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF50BA40 Datasheet PDF - SanRex Corporation

Part # DF50BA40
Download  DF50BA40 Click to download

File Size   96.62 Kbytes
Page   2 Pages
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation
Description DIODE(THREE PHASES BRIDGE TYPE)

DF50BA40 Datasheet (HTML) - SanRex Corporation


DF50BA40 Product details

DIODE(THREE PHASES BRIDGE TYPE)

Power Diode Module DF50BA is designed for three phase full wave rectification, which has six diodes connected in a three phase bridge configuration. The mounting base of the module is electrically isolated from semiconductor elements for simple heatsink construction Output DC current is 50Amp(Tc=114℃) Repetitive peak reverse voltage is up to 800V.

● TjMax=150℃
● Isolated mounting base
● High reliability by unique glass passivation

(Applications)
   AC, DC Motor Drive/AVR/Switching
   -for three phase rectification




Similar Part No. - DF50BA40

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
1mm Pitch, Board to Wire Lock Connector
DF50-20DP-1H HIROSE-DF50-20DP-1H Datasheet
1Mb / 12P
1mm Pitch, Board to Cable Lock Connector
DF50-20DP-1H(**) HIROSE-DF50-20DP-1H(**) Datasheet
629Kb / 12P
1mm Pitch, Board to Wire Lock Connector
DF50-20DP-1V HIROSE-DF50-20DP-1V Datasheet
809Kb / 12P
1 mm Pitch, WtoB, Positive Lock Connector
DF50-20DP-1V HIROSE-DF50-20DP-1V Datasheet
1Mb / 12P
1mm Pitch, Board to Cable Lock Connector
More results


Similar Description - DF50BA40

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF30AA120 SANREX-DF30AA120 Datasheet
90Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100LA SANREX-DF100LA Datasheet
100Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF20AA120 SANREX-DF20AA120 Datasheet
266Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100AA120 SANREX-DF100AA120 Datasheet
268Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF50AA120 SANREX-DF50AA120 Datasheet
236Kb / 2P
DIODE (THREE PHASES BRIDGE TYPE)
DF75BA40 SANREX-DF75BA40 Datasheet
113Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF75LA80 SANREX-DF75LA80 Datasheet
100Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100LA80 SANREX-DF100LA80 Datasheet
103Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF200AA120 SANREX-DF200AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com