Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL4MMX Datasheet (PDF) - Neutrik AG

NL4MMX Datasheet PDF - Neutrik AG
Part # NL4MMX
Download  NL4MMX Download
File Size   87.65 Kbytes
Page   2 Pages
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG
Description Lockable 4 pole speakON adapter

NL4MMX Datasheet (PDF)

Go To PDF Page Download Datasheet
NL4MMX Datasheet PDF - Neutrik AG

Part # NL4MMX
Download  NL4MMX Click to download

File Size   87.65 Kbytes
Page   2 Pages
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG
Description Lockable 4 pole speakON adapter

NL4MMX Datasheet (HTML) - Neutrik AG




Similar Part No. - NL4MMX

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NL4MD-H NEUTRIK-NL4MD-H Datasheet
66Kb / 3P
4 pole chassis connector, grey D-size flange, self tapping screw holes (A-screw), horizontal PCB mount
NL4MD-H-1 NEUTRIK-NL4MD-H-1 Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, countersunk thru holes, horizontal PCB mount
NL4MD-H-2 NEUTRIK-NL4MD-H-2 Datasheet
91Kb / 3P
4 pole chassis connector, black D-size flange, mirrored self tapping screw holes (A-screw), horizontal PCB mount
NL4MD-H-3 NEUTRIK-NL4MD-H-3 Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, self tapping screw holes (A-screw), horizontal PCB mount
NL4MD-V NEUTRIK-NL4MD-V Datasheet
63Kb / 3P
4 pole chassis connector, black D-size flange, countersunk thru holes, vertical PCB mount
More results


Similar Description - NL4MMX

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA3FM NEUTRIK-NA3FM Datasheet
45Kb / 2P
3 pole XLR male - 3 pole XLR female (extention adapter)
NA4FX-F NEUTRIK-NA4FX-F Datasheet
88Kb / 2P
speakON NL4FX - 3 pole XLR female
NA4FX-M NEUTRIK-NA4FX-M Datasheet
112Kb / 2P
speakON NL4FX - 3 pole XLR male
NA4LJX NEUTRIK-NA4LJX Datasheet
92Kb / 2P
speakON NL4FC - 1/4' mono jack adapter Wiring: 1 to TIP and -1 to SLEEVE
NA4MP-F NEUTRIK-NA4MP-F Datasheet
51Kb / 2P
speakON NL4MP - 3 pole XLR female
NA4MP-J NEUTRIK-NA4MP-J Datasheet
50Kb / 2P
speakON NL4MP - mono locking 1/4" jack (Tip, Sleeve contact)
NA4MP-M NEUTRIK-NA4MP-M Datasheet
51Kb / 2P
speakON NL4MP - 3 pole XLR male
NA4MP-M-X NEUTRIK-NA4MP-M-X Datasheet
52Kb / 2P
speakON NL4MP - speakON NL4MP (wired 1/1-, 1-/1 polarity inverter, 2/2- not connected)
NL8MM NEUTRIK-NL8MM Datasheet
60Kb / 2P
8 pole speakON feedthrough adapter for cable extensions
logo
WAGO Kontakttechnik Gmb...
857-980 WAGO-857-980 Datasheet
176Kb / 5P
Interface adapter; 16-pole; analog
22.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com