Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6P35AFE Datasheet (PDF) - Toshiba Semiconductor

SSM6P35AFE Datasheet PDF - Toshiba Semiconductor
Part # SSM6P35AFE
Download  SSM6P35AFE Download
File Size   205.31 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Analog Switches

SSM6P35AFE Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM6P35AFE Datasheet PDF - Toshiba Semiconductor

Part # SSM6P35AFE
Download  SSM6P35AFE Click to download

File Size   205.31 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Analog Switches

SSM6P35AFE Datasheet (HTML) - Toshiba Semiconductor


SSM6P35AFE Product details

Features
(1) 1.2 V drive
(2) ESD(HBM) level 2 kV
(3) Low drain-source on-resistance
   : RDS(ON) = 3.2 Ω (typ.) (@VGS = -1.2 V)
     RDS(ON) = 2.3 Ω (typ.) (@VGS = -1.5 V)
     RDS(ON) = 2.0 Ω (typ.) (@VGS = -1.8 V)
     RDS(ON) = 1.5 Ω (typ.) (@VGS = -2.5 V)
     RDS(ON) = 1.1 Ω (typ.) (@VGS = -4.5 V)
  
Applications
• Analog Switches




Similar Part No. - SSM6P35AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6P35AFE TOSHIBA-SSM6P35AFE Datasheet
217Kb / 8P
MOSFETs Silicon P-Channel MOS
2021-02-01 Rev.3.0
SSM6P35AFE TOSHIBA-SSM6P35AFE_V01 Datasheet
217Kb / 8P
MOSFETs Silicon P-Channel MOS
2021-02-01 Rev.3.0
More results


Similar Description - SSM6P35AFE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
Quad Analog Switches
logo
Maxim Integrated Produc...
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Analog Devices
AD7510DI AD-AD7510DI Datasheet
2Mb / 8P
Protected Analog Switches
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
logo
Intersil Corporation
HI1-5042-2 INTERSIL-HI1-5042-2 Datasheet
494Kb / 12P
CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
CMOS Analog Switches
11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
CMOS Analog Switches
16-Jul-01
logo
Toshiba Semiconductor
SSM6P35AFU TOSHIBA-SSM6P35AFU Datasheet
229Kb / 8P
Analog Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com