Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z27VT1G Datasheet (PDF) - NXP Semiconductors

MM3Z27VT1G Datasheet PDF - NXP Semiconductors
Part # MM3Z27VT1G
Download  MM3Z27VT1G Download
File Size   181.51 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Gallium Arsenide CATV Integrated Amplifier Module

MM3Z27VT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z27VT1G Datasheet PDF - NXP Semiconductors

Part # MM3Z27VT1G
Download  MM3Z27VT1G Click to download

File Size   181.51 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Gallium Arsenide CATV Integrated Amplifier Module

MM3Z27VT1G Datasheet (HTML) - NXP Semiconductors


MM3Z27VT1G Product details

Description
• 24 Vdc Supply or 12 Vdc Supply with Bias Change, 40 to 870 MHz, CATV Integrated Forward Amplifier Module

Features
• Specified for 79-, 112- and 132-Channel Loading
• Excellent Distortion Performance
• Built-in Input Diode Protection
• GaAs FET Transistor Technology
• Unconditionally Stable Under All Load Conditions
• RoHS Compliant
• In Tape and Reel. T1 Suffix = 1000 Units per 16 mm, 13 inch Reel.

Applications
• CATV Systems Operating in the 40 to 870 MHz Frequency Range
• Input Stage Amplifier in Optical Nodes, Line Extenders and Trunk
   Distribution Amplifiers for CATV Systems
• Output Stage Amplifier on Applications Requiring Low Power Dissipation
   and High Output Performance
• Driver Amplifier in Linear General Purpose Applications




Similar Part No. - MM3Z27VT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM3Z27VT1G ONSEMI-MM3Z27VT1G Datasheet
61Kb / 6P
Zener Voltage Regulators
April, 2004 ??Rev. 6
MM3Z27VT1G ONSEMI-MM3Z27VT1G Datasheet
151Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
MM3Z27VT1G ONSEMI-MM3Z27VT1G Datasheet
107Kb / 5P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
MM3Z27VT1G ONSEMI-MM3Z27VT1G Datasheet
107Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
MM3Z27VT1G ONSEMI-MM3Z27VT1G Datasheet
107Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
More results


Similar Description - MM3Z27VT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9236 MOTOROLA-MHW9236 Datasheet
271Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9267A MOTOROLA-MHW9267A Datasheet
246Kb / 4P
Gallium Arsenide CATV Amplifier Module
MMG1001R2 MOTOROLA-MMG1001R2 Datasheet
312Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MMG2001R2 MOTOROLA-MMG2001R2 Datasheet
365Kb / 8P
GALLIUM ARSENIDE CATV INTEGRATED AMPLIFIER MODULE
MHW9186A MOTOROLA-MHW9186A Datasheet
78Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
Freescale Semiconductor...
MMG1001NT1 FREESCALE-MMG1001NT1 Datasheet
139Kb / 9P
Gallium Arsenide CATV Integrated Amplifier Module
MMG1001R2 FREESCALE-MMG1001R2 Datasheet
139Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MMG2001T1 FREESCALE-MMG2001T1 Datasheet
147Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MHW9247AN FREESCALE-MHW9247AN Datasheet
74Kb / 4P
Gallium Arsenide CATV Amplifier Module
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com