Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR408 Datasheet (PDF) - NXP Semiconductors

FR408 Datasheet PDF - NXP Semiconductors
Part # FR408
Download  FR408 Download
File Size   640.44 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

FR408 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR408 Datasheet PDF - NXP Semiconductors

Part # FR408
Download  FR408 Click to download

File Size   640.44 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

FR408 Datasheet (HTML) - NXP Semiconductors


FR408 Product details

Heterojunction Bipolar Transistor Technology (InGaP HBT)
High Efficiency/Linearity Amplifier

The MMZ25332B is a 2--stage, high linearity InGaP HBT broadband amplifier designed for femtocell, picocell, WLAN (802.11g/n), W--CDMA, TD--SCDMA and LTE wireless broadband applications. It provides exceptional linearity for LTE and W--CDMA air interfaces with an ACPR of –50 dBc at an output power of up to 22 dBm, covering frequencies from 1500 to 2800 MHz. It operates from a supply voltage of 3 to 5 V. The amplifier is fully input matched, requires minimal external matching on the output and is housed in a cost--effective, surface mount QFN 3 × 3 package. The device offers state--of--the--art reliability, ruggedness, temperature stability and ESD performance.

• Typical Performance: VCC1 = VCC2 = VBIAS = 5 Vdc, ICQ = 400 mA

Features
• Frequency: 1500–2800 MHz
• P1dB: 33 dBm @ 2500 MHz
• Power Gain: 26.5 dB @ 2500 MHz
• OIP3: 48 dBm @ 2500 MHz
• EVM ≤ 3% @ 23.5 dBm Pout, WLAN (802.11g)
• Active Bias Control (adjustable externally)
• Power Down Control via VBIAS Pin
• Class 3A HBM ESD Rating
• Single 3 to 5 V Supply
• Single--ended Power Detector
• Cost--effective 12--pin, 3 mm QFN Surface Mount Plastic Package
• In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel.




Similar Part No. - FR408

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
FR408 FREESCALE-FR408 Datasheet
899Kb / 12P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
FR408 NXP-FR408 Datasheet
342Kb / 10P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
FR408 NXP-FR408 Datasheet
1Mb / 28P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 12/2014
More results


Similar Description - FR408

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3H21NT1 NXP-MMG3H21NT1 Datasheet
367Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 3, 9/2014
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ09312B NXP-MMZ09312B Datasheet
1Mb / 28P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 12/2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com