Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2003 Datasheet (PDF) - Intersil Corporation

EL2003 Datasheet PDF - Intersil Corporation
Part # EL2003
Download  EL2003 Download
File Size   371.6 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz Video Line Driver

EL2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2003 Datasheet PDF - Intersil Corporation

Part # EL2003
Download  EL2003 Click to download

File Size   371.6 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz Video Line Driver

EL2003 Datasheet (HTML) - Intersil Corporation


EL2003 Product details

The EL2003 and EL2033 are general purpose monolithic unity gain buffers featuring 100MHz, -3dB bandwidth

and 4ns small signal rise time. These buffers are capable of delivering a ±100mA current to a resistive load and are oscillation free into capacitive loads. In addition, the EL2003 and EL2033 have internal output short circuit current limiting which will protect the devices under both a DC fault condition and AC operation with reactive loads. The extremely fast slew rate of 1200V/µs, wide bandwidth, and high output drive make the EL2003 and EL2033 ideal choices for closed loop buffer applications with wide band op amps. These same

characteristics and excellent DC performance make the EL2003 and EL2033 excellent choices for open loop

applications such as driving coaxial and twisted pair cables.



Features

• Differential gain 0.1%

• Differential phase 0.1°

• 100mA continuous output current guaranteed

• Short circuit protected

• Wide bandwidth - 100MHz

• High slew rate - 1200V/µs

• High input impedance - 2MΩ

• Low quiescent current drain



Applications

• Co-ax cable driver

• Flash converter driver

• Video DAC buffer

• Op amp booster




Similar Part No. - EL2003

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2003C ELANTEC-EL2003C Datasheet
481Kb / 17P
100MHz Video Line Driver
EL2003CM ELANTEC-EL2003CM Datasheet
481Kb / 17P
100MHz Video Line Driver
EL2003CN ELANTEC-EL2003CN Datasheet
481Kb / 17P
100MHz Video Line Driver
More results


Similar Description - EL2003

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
logo
Elantec Semiconductor
EL2003C ELANTEC-EL2003C Datasheet
481Kb / 17P
100MHz Video Line Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com