Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2008 Datasheet (PDF) - Intersil Corporation

EL2008 Datasheet PDF - Intersil Corporation
Part # EL2008
Download  EL2008 Download
File Size   268.21 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 55MHz 1 Amp Buffer Amplifier

EL2008 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2008 Datasheet PDF - Intersil Corporation

Part # EL2008
Download  EL2008 Click to download

File Size   268.21 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 55MHz 1 Amp Buffer Amplifier

EL2008 Datasheet (HTML) - Intersil Corporation


EL2008 Product details

55MHz 1 Amp Buffer Amplifier



The EL2008 is a patented high speed bipolar monolithic buffer amplifier designed to provide currents over 1 amp at high frequencies, while drawing only 13mA of quiescent supply current. The EL2008’s 1500V/µs slew rate and 55MHz bandwidth driving a 10Ω load is second only to the EL2009 and insures stability in fast op amp feedback loops. Elantec has applied for patents on unique circuitry within the EL2008.



Features

• High slew rate 2500V/µs

• Wide bandwidth 100MHz @ RL = 50Ω and 55MHz @ RL = 10Ω

• Output current 1A continuous

• Output impedance 1Ω

• Quiescent current 13mA

• Short circuit protected

• Power package with isolated metal tab



Applications

• Video distribution amplifier

• Fast op amp booster

• Flash converter driver

• Motor driver

• Pulse transformer driver

• A.T.E. pin driver



 




Similar Part No. - EL2008

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
EL2008-0015 BECKHOFF-EL2008-0015 Datasheet
555Kb / 1P
8-Channel Digital Output Terminal 24 VDC, 0.35 A
Version: 1.1
logo
Antex (Electronics) Lim...
EL20080 ANTEX-EL20080 Datasheet
132Kb / 3P
Replacement Elements
logo
Elantec Semiconductor
EL2008C ELANTEC-EL2008C Datasheet
446Kb / 12P
55 MHz 1 Amp Buffer Amplifier
EL2008CT ELANTEC-EL2008CT Datasheet
446Kb / 12P
55 MHz 1 Amp Buffer Amplifier
More results


Similar Description - EL2008

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2008C ELANTEC-EL2008C Datasheet
446Kb / 12P
55 MHz 1 Amp Buffer Amplifier
EL2009C ELANTEC-EL2009C Datasheet
184Kb / 8P
90 MHz 1 Amp Buffer Amplifier
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
1 Amp Power Operational Amplifier
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER AMP
logo
Zarlink Semiconductor I...
MF359 ZARLINK-MF359 Datasheet
321Kb / 7P
780nm - 55MHz High Performance LED
logo
M/A-COM Technology Solu...
XB1004-BD MA-COM-XB1004-BD Datasheet
1Mb / 12P
Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD Datasheet
1Mb / 14P
Buffer Amplifier
XB1007-BD MA-COM-XB1007-BD Datasheet
901Kb / 11P
Buffer Amplifier
XB1008-BD MA-COM-XB1008-BD Datasheet
676Kb / 7P
Buffer Amplifier
XB1004-BD MA-COM-XB1004-BD_15 Datasheet
1Mb / 12P
Buffer Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com