Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7141 Datasheet (PDF) - List of Unclassifed Manufacturers

OV7141 Datasheet PDF - List of Unclassifed Manufacturers
Part # OV7141
Download  OV7141 Download
File Size   291.78 Kbytes
Page   20 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP

OV7141 Datasheet (PDF)

Go To PDF Page Download Datasheet
OV7141 Datasheet PDF - List of Unclassifed Manufacturers

Part # OV7141
Download  OV7141 Click to download

File Size   291.78 Kbytes
Page   20 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP

OV7141 Datasheet (HTML) - List of Unclassifed Manufacturers


OV7141 Product details

[OmniVision]



General Description

The OV7640 (color) and OV7141 (black and white) CAMERACHIPS™ are low voltage CMOS image sensors that provide the full functionality of a single-chip VGA (640 x 480) camera and image processor in a small footprint package. The OV7640/OV7141 provides full-frame, sub-sampled or windowed 8-bit images in a wide range of formats, controlled through OmniVision’s Serial Camera Control Bus (SCCB) interface.



Features

• High sensitivity for low-light operation

• 2.5V operating voltage for embedded portable applications

• Standard Serial Camera Control Bus (SCCB) interface

• VGA, QVGA (sub-sampled) and Windowed outputs with Raw RGB, RGB (GRB 4:2:2), YUV (4:2:2) and YCbCr (4:2:2) formats

• Automatic image control functions including:

   Automatic Exposure Control (AEC), Automatic Gain

   Control (AGC), Automatic White Balance (AWB),

   Automatic Brightness Control (ABC), Automatic

   Band Filter (ABF) for 60Hz noise and Automatic

   Black-Level Calibration (ABLC)

• Image quality controls including color saturation, hue, gamma, sharpness (edge enhancement), anti-blooming and zero smearing



Applications

• Cellular and Picture Phones

• Toys

• PC Multimedia



 




Similar Part No. - OV7141

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7140 OMNIVISION-OV7140 Datasheet
402Kb / 18P
OV7640 Color CMOS VGA (640 x 480) CAMERACHIPTM OV7140 B&W CMOS VGA (640 x 480) CAMERACHIPTM
Version 1.3, January 15, 2003
More results


Similar Description - OV7141

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
640 X 480 10.4 VGA Monochrome
HDM6448ATSC HANTRONIX-HDM6448ATSC Datasheet
91Kb / 1P
640 X 480 10.4 VGA Color w/Touch Screen
HDM6448ATSC-7 HANTRONIX-HDM6448ATSC-7 Datasheet
32Kb / 1P
640 X 480 7.5 Single Scan VGA Color w/Touch Screen
HDM6448C HANTRONIX-HDM6448C Datasheet
51Kb / 1P
640 X 480 10.4 VGA Color
HDM6448C-7 HANTRONIX-HDM6448C-7 Datasheet
29Kb / 1P
640 X 480 7.5 Single Scan VGA Color
HDM6448TS-S HANTRONIX-HDM6448TS-S Datasheet
34Kb / 1P
640 X 480 7.4 VGA Monochrome, with Touch Screen
HDM6448-1 HANTRONIX-HDM6448-1 Datasheet
27Kb / 1P
640 X 480 9.5 VGA Monochrome
logo
AAEON Technology
AWK-3004 AAEON-AWK-3004 Datasheet
671Kb / 2P
10.4??VGA (640 x 480) Color TFT LCD
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
logo
OmniVision Technologies...
OV7750 OMNIVISION-OV7750 Datasheet
2Mb / 125P
CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
version 2.12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com