Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMF05MC Datasheet (PDF) - Vishay Siliconix

GMF05MC Datasheet PDF - Vishay Siliconix
Part # GMF05MC
Download  GMF05MC Download
File Size   147.8 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance ESD Protection Diode Array

GMF05MC Datasheet (PDF)

Go To PDF Page Download Datasheet
GMF05MC Datasheet PDF - Vishay Siliconix

Part # GMF05MC
Download  GMF05MC Click to download

File Size   147.8 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance ESD Protection Diode Array

GMF05MC Datasheet (HTML) - Vishay Siliconix


GMF05MC Product details

Features
• Transient protection for data lines as per
   IEC 61000 - 4 - 2 (ESD) 15 kV (air), 8 kV
   (contact), IEC 61000 - 4 - 5 (Lightning)
   7 A (tp = 8/20 µs)
• Small package for use in portable electronics
• Bidirectional protection of 4 I/O lines
• Unidirectional protection of 5 I/O lines
• Low leakage current
• Ideal for cellular handsets, cordless phones, notebooks, handhelds and digital cameras




Similar Part No. - GMF05MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
ESD Protection Diode Array
02-Mar-05
GMF05C-GS08 VISHAY-GMF05C-GS08 Datasheet
142Kb / 4P
ESD Protection Diode Array
02-Mar-05
GMF05C-HS3 VISHAY-GMF05C-HS3 Datasheet
282Kb / 8P
5-Line ESD Protection Diode Array in LLP75-6A
23-Sep-08
GMF05C-HS3-GS08 VISHAY-GMF05C-HS3-GS08 Datasheet
282Kb / 8P
5-Line ESD Protection Diode Array in LLP75-6A
23-Sep-08
GMF05C-HSF VISHAY-GMF05C-HSF Datasheet
169Kb / 7P
5-Line ESD Protection Diode Array in LLP75-6L
02-May-17
More results


Similar Description - GMF05MC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
Jan-1998
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
Low Capacitance ESD protection array
2009-08-20
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
Low Capacitance ESD Protection Array
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
Rev 5
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
Littelfuse
AQ7538-08UTG LITTELFUSE-AQ7538-08UTG Datasheet
614Kb / 5P
0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
SC7538-08UTG LITTELFUSE-SC7538-08UTG Datasheet
651Kb / 6P
0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
Low Capacitance Array for ESD Protection Diode
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com