Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2073CS Datasheet (PDF) - Intersil Corporation

EL2073CS Datasheet PDF - Intersil Corporation
Part # EL2073CS
Download  EL2073CS Download
File Size   252.86 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Unity-Gain Stable Operational Amplifier

EL2073CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2073CS Datasheet PDF - Intersil Corporation

Part # EL2073CS
Download  EL2073CS Click to download

File Size   252.86 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Unity-Gain Stable Operational Amplifier

EL2073CS Datasheet (HTML) - Intersil Corporation


EL2073CS Product details

Features

• 200MHz gain-bandwidth product

• Unity-gain stable

• Ultra low video distortion = 0.01%/0.015° @ NTSC/PAL

• Conventional voltage-feedback topology

• Low offset voltage = 200µV

• Low bias current = 2µA

• Low offset current = 0.1µA

• Output current = 50mA over temperature

• Fast settling = 13ns to 0.1%

• Low distortion = -60dB HD2, -70dB HD3 @ 20MHz, 2VPP, AV= +1




Similar Part No. - EL2073CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2073CS ELANTEC-EL2073CS Datasheet
368Kb / 12P
200MHz Unity-Gain Stable Operational Amplifier
More results


Similar Description - EL2073CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
200MHz Unity-Gain Stable Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
November 19, 2004
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
logo
Renesas Technology Corp
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com