Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC374A Datasheet (PDF) - ON Semiconductor

HC374A Datasheet PDF - ON Semiconductor
Part # HC374A
Download  HC374A Download
File Size   196.35 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3-State Non-Inverting D Flip-Flop

HC374A Datasheet (PDF)

Go To PDF Page Download Datasheet
HC374A Datasheet PDF - ON Semiconductor

Part # HC374A
Download  HC374A Click to download

File Size   196.35 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3-State Non-Inverting D Flip-Flop

HC374A Datasheet (HTML) - ON Semiconductor


HC374A Product details

Octal 3-State Non-Inverting D Flip-Flop

High−Performance Silicon−Gate CMOS



The MC74HC374A is identical in pinout to the LS374. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.

Data meeting the setup time is clocked to the outputs with the rising edge of the clock. The Output Enable input does not affect the states of the flip−flops, but when Output Enable is high, the outputs are forced to the high−impedance state; thus, data may be stored even when the outputs are not enabled.

The HC374A is identical in function to the HC574A which has the input pins on the opposite side of the package from the output. This device is similar in function to the HC534A which has inverting outputs.



Features

• Output Drive Capability: 15 LSTTL Loads

• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1.0 μA

• High Noise Immunity Characteristic of CMOS Devices

• In Compliance with the Requirements Defined by JEDEC Standard No. 7 A

• Chip Complexity: 266 FETs or 66.5 Equivalent Gates

• NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable

• These Devices are Pb−Free and are RoHS Compliant



 




Similar Part No. - HC374A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC374 TI-HC374 Datasheet
304Kb / 15P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
HC374 TI1-HC374 Datasheet
1Mb / 23P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Similar Description - HC374A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
Octal 3-State Non-Inverting D Flip-Flop
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
Octal 3-State Inverting D Flip-Flop
logo
STMicroelectronics
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
Octal 3-State Inverting D Flip-Flop
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
Octal 3-State Inverting D Flip-Flop
logo
STMicroelectronics
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
16-Dec-2004
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com