Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R62 Datasheet (PDF) - Holtek Semiconductor Inc

HT46R62 Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R62
Download  HT46R62 Download
File Size   401.81 Kbytes
Page   46 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D with LCD Type 8-Bit MCU

HT46R62 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R62 Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R62
Download  HT46R62 Click to download

File Size   401.81 Kbytes
Page   46 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D with LCD Type 8-Bit MCU

HT46R62 Datasheet (HTML) - Holtek Semiconductor Inc


HT46R62 Product details

General Description
The HT46R62/HT46C62 are 8-bit, high performance, RISC architecture microcontroller devices specifically designed for A/D product applications that interface directly to analog signals and which require LCD Interface. The mask version HT46C62 is fully pin and functionally compatible with the OTP version HT46R62 device.
The advantages of low power consumption, I/O flexibil ity, timer functions, oscillator options, multi-channel A/D Converter, Pulse Width Modulation function, HALT and wake-up functions, in addition to a flexible and configurable LCD interface enhance the versatility of these devices to control a wide range of applications requiring analog signal processing and LCD interfacing, such as electronic metering, environmental monitoring, handheld measurement tools, motor driving, etc., for both industrial and home appliance application areas.

Features
• Operating voltage:
   fSYS=4MHz: 2.2V~5.5V
   fSYS=8MHz: 3.3V~5.5V
• 20 bidirectional I/O lines
   (PA, PB0~PB5, PD0~PD2, PD4~PD6)
• Two external interrupt input
• One 8-bit programmable timer/event counter with
PFD (programmable frequency divider) function
• LCD driver with 20x3 or 19x4 segments (logical output option for SEG0~SEG15)
• 2Kx14 program memory
• 88x8 data memory RAM
• Supports PFD for sound generation
• Real Time Clock (RTC)
• 8-bit prescaler for RTC

• Watchdog Timer
• Buzzer output
• On-chip crystal, RC and 32768Hz crystal oscillator
• HALT function and wake-up feature reduce power consumption
• 6-level subroutine nesting
• 6 channels 9-bit resolution A/D converter
• 3-channel 8-bit PWM output shared with 3 I/O lines
• Bit manipulation instruction
• 16-bit table read instruction
• Up to 0.5μs instruction cycle with 8MHz system clock
• 63 powerful instructions
• All instructions in 1 or 2 machine cycles
• Low voltage reset/detector function
• 52-pin QFP, 56-pin SSOP packages




Similar Part No. - HT46R62

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R62 HOLTEK-HT46R62_13 Datasheet
1Mb / 50P
52-pin LQFP竊?6-pin SSOP
2013-10-31
More results


Similar Description - HT46R62

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64 Datasheet
345Kb / 47P
A/D with LCD Type 8-Bit MCU
September 21, 2004
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
A/D with LCD Type 8-Bit MCU
May 17, 2004
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
A/D with LCD Type 8-Bit MCU
July 14, 2005
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
A/D with LCD Type 8-Bit MCU
January 9, 2006
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
A/D with LCD Type 8-Bit MCU
February 14, 2006
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
A/D Type 8-Bit MCU with LCD
October 2, 2007
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
A/D Type 8-Bit MCU with LCD
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
A/D Type 8-Bit MCU with LCD
May 26, 2011
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com