Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BISR30DBRK Datasheet (PDF) - Hubbell Incorporated.

BISR30DBRK Datasheet PDF - Hubbell Incorporated.
Part # BISR30DBRK
Download  BISR30DBRK Download
File Size   267.99 Kbytes
Page   2 Pages
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.
Description Multi Tap Connector, UNITAP,Wire Range:1/0 -3/0 AWG,Torque:220inlbs.

BISR30DBRK Datasheet (PDF)

Go To PDF Page Download Datasheet
BISR30DBRK Datasheet PDF - Hubbell Incorporated.

Part # BISR30DBRK
Download  BISR30DBRK Click to download

File Size   267.99 Kbytes
Page   2 Pages
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.
Description Multi Tap Connector, UNITAP,Wire Range:1/0 -3/0 AWG,Torque:220inlbs.

BISR30DBRK Datasheet (HTML) - Hubbell Incorporated.




Similar Part No. - BISR30DBRK

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BISR30DB HUBBELL-BISR30DB Datasheet
269Kb / 2P
In-Line Splice/Reducer, 2 Port, 1/0-3/0 AWG, Al/Cu Rated.
More results


Similar Description - BISR30DBRK

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192050009 MOLEX4-0192050009 Datasheet
101Kb / 3P
VersaKrimp??Parallel Splice for 1/0 AWG Wire
0192050012 MOLEX4-0192050012 Datasheet
66Kb / 2P
VersaKrimp??Butt Splice for 3/0 AWG Wire
0192150047 MOLEX4-0192150047 Datasheet
71Kb / 3P
VersaKrimp??Butt Splice for 1/0 AWG Wire
logo
Hubbell Incorporated.
BIBS204RK HUBBELL-BIBS204RK Datasheet
261Kb / 2P
Clear Insulated Multiple Tap Connector,Aluminum Conductor - Size Range:8 AWG-2/0 AWG.
BISR1DBRK HUBBELL-BISR1DBRK Datasheet
267Kb / 2P
Multi Tap Connector, UNITAP,Wire Range:#2 AWG-#1 AWG,Torque:130inlbs.
BISR4DBRK HUBBELL-BISR4DBRK Datasheet
267Kb / 2P
Multi Tap Connector, UNITAP,Wire Range:#6 AWG-#4 AWG,Torque:50inlbs.
BISR10RK HUBBELL-BISR10RK Datasheet
264Kb / 2P
AL6061-T6 Aluminum Body Multi Tap Connector, UNITAP,Aluminum Conductor - Size Range:8 AWG-1/0 AWG,Wire Strip Length: 1 IN.
BISR250DBRK HUBBELL-BISR250DBRK Datasheet
266Kb / 2P
Multi Tap Connector, UNITAP??Wire Range:4/0 AWG-250 kcmil,Torque:360in-lbs
BISR250RK HUBBELL-BISR250RK Datasheet
265Kb / 2P
Clear Insulated Multi Tap Connector, UNITAP,Wire range:#10-250.
BIT20RK HUBBELL-BIT20RK Datasheet
262Kb / 2P
AL6061-T6 Aluminum Body Tap Connector, UNITAP, Aluminum Conductor - Size Range:8 AWG-2/0 AWG,Wire Strip Length: 11/16 IN,Torque: 120 IN-LB.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com