Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BISR250 Datasheet (PDF) - Hubbell Incorporated.

BISR250 Datasheet PDF - Hubbell Incorporated.
Part # BISR250
Download  BISR250 Download
File Size   266.93 Kbytes
Page   2 Pages
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.
Description Aluminum In-Line Splice, 10 AWG-250 kcmil.

BISR250 Datasheet (PDF)

Go To PDF Page Download Datasheet
BISR250 Datasheet PDF - Hubbell Incorporated.

Part # BISR250
Download  BISR250 Click to download

File Size   266.93 Kbytes
Page   2 Pages
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.
Description Aluminum In-Line Splice, 10 AWG-250 kcmil.

BISR250 Datasheet (HTML) - Hubbell Incorporated.




Similar Part No. - BISR250

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BISR250DB HUBBELL-BISR250DB Datasheet
268Kb / 2P
In-Line Splice/Reducer, 2 Port, 4/0 AWG-250 kcmil, Al/Cu Rated.
BISR250DBRK HUBBELL-BISR250DBRK Datasheet
266Kb / 2P
Multi Tap Connector, UNITAP??Wire Range:4/0 AWG-250 kcmil,Torque:360in-lbs
BISR250FX HUBBELL-BISR250FX Datasheet
264Kb / 2P
UNITAP, In-Line Splice Reducer, #6-500 Class B & C, #6-373 ClassG,H,I,K, DLO, Aluminum.
BISR250RK HUBBELL-BISR250RK Datasheet
265Kb / 2P
Clear Insulated Multi Tap Connector, UNITAP,Wire range:#10-250.
More results


Similar Description - BISR250

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PL2502 HUBBELL-1PL2502 Datasheet
264Kb / 2P
Aluminum Multiple Tap Connector, UV Rated, 2 Port, 1 Sided Entry, 10 AWG-250 kcmil.
1PLD25010 HUBBELL-1PLD25010 Datasheet
265Kb / 2P
UV Black Distribution Connectors, #10-250 kcmil; 10 Port
BIBD2503RK HUBBELL-BIBD2503RK Datasheet
262Kb / 2P
Clear Insulated Multiple Tap Connector,Aluminum Conductor - Size Range:8 AWG-250 kcmil.
BIBD25010 HUBBELL-BIBD25010 Datasheet
261Kb / 2P
Aluminum Multiple Tap Connector, Clear Insulated, 10 Port, 2 Sided Entry, 10 Awg-250 Kcmil, Al/Cu Rated
BIBS44FX HUBBELL-BIBS44FX Datasheet
264Kb / 2P
UNITAP, In-Line Splice Reducer, #10-250 Class B & C, #10-3/0 ClassG,H,I,K, DLO, Aluminum.
BISR2 HUBBELL-BISR2 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 14-2 AWG.
BISR10 HUBBELL-BISR10 Datasheet
265Kb / 2P
Aluminum In-Line Splice, 14-1/0 AWG.
BISR250DB HUBBELL-BISR250DB Datasheet
268Kb / 2P
In-Line Splice/Reducer, 2 Port, 4/0 AWG-250 kcmil, Al/Cu Rated.
BISR350 HUBBELL-BISR350 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 10 AWG-350 kcmil.
BISR500 HUBBELL-BISR500 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 6 AWG-500 kcmil.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com