Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4009 Datasheet (PDF) - Toshiba Semiconductor

MP4009 Datasheet PDF - Toshiba Semiconductor
Part # MP4009
Download  MP4009 Download
File Size   161.49 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon PNP Triple Diffused Type (Four Darlington Power Transistors in One)

MP4009 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4009 Datasheet PDF - Toshiba Semiconductor

Part # MP4009
Download  MP4009 Click to download

File Size   161.49 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon PNP Triple Diffused Type (Four Darlington Power Transistors in One)

MP4009 Datasheet (HTML) - Toshiba Semiconductor


MP4009 Product details

High Power Switching Applications

Hammer Drive, Pulse Motor Drive

Inductive Load Switching



•  Small package by full molding (SIP 10 pins)

•  High collector power dissipation (4-device operation)

   : PT= 4 W (Ta = 25°C)

•  High collector current: IC (DC)= −5 A (max)

•  High DC current gain: hFE= 1000 (min) (VCE= −3 V, IC= −3 A)

•  Complementary to MP4003




Similar Part No. - MP4009

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4009 TOSHIBA-MP4009 Datasheet
154Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive Inductive Load Switching
MP4009 TOSHIBA-MP4009_07 Datasheet
154Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive Inductive Load Switching
More results


Similar Description - MP4009

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
logo
Panasonic Semiconductor
2SD1634 PANASONIC-2SD1634 Datasheet
107Kb / 2P
Silicon PNP Triple-Diffused Planar Darlington Type
logo
Toshiba Semiconductor
2SB1020A TOSHIBA-2SB1020A_06 Datasheet
152Kb / 5P
Silicon PNP Triple Diffused Type (Darlington Power)
2SD2131 TOSHIBA-2SD2131_06 Datasheet
148Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
2SD2604 TOSHIBA-2SD2604_06 Datasheet
141Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1682 TOSHIBA-2SB1682 Datasheet
467Kb / 5P
TOSHIBA Transistor Silicon PNP Triple Diffused Type (Darlington power transistor)
2006-11-21
TTB1020B TOSHIBA-TTB1020B Datasheet
207Kb / 7P
Bipolar Transistors Silicon PNP Triple-Diffused Type
2020-01-29 Rev.4.0
TTA010 TOSHIBA-TTA010 Datasheet
279Kb / 6P
Bipolar Transistors Silicon PNP Triple-Diffused Type
2021-06-24 Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com