Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP04EMA12S Datasheet (PDF) - Schneider Electric

SSP04EMA12S Datasheet PDF - Schneider Electric
Part # SSP04EMA12S
Download  SSP04EMA12S Download
File Size   104.78 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - EMA - 120kA - 480Y/277VAC - 3P4W - T4X

SSP04EMA12S Datasheet (PDF)

Go To PDF Page Download Datasheet
SSP04EMA12S Datasheet PDF - Schneider Electric

Part # SSP04EMA12S
Download  SSP04EMA12S Click to download

File Size   104.78 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - EMA - 120kA - 480Y/277VAC - 3P4W - T4X

SSP04EMA12S Datasheet (HTML) - Schneider Electric




Similar Part No. - SSP04EMA12S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP04EMA12SD SCHNEIDER-SSP04EMA12SD Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 480Y/277VAC - 3P4W - T4X - SW
Apr 10, 2020
SSP04EMA12SDF SCHNEIDER-SSP04EMA12SDF Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 480Y/277VAC - 3P4W - T4X - SW - sine mod
Apr 10, 2020
SSP04EMA12SF SCHNEIDER-SSP04EMA12SF Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 480Y/277VAC - 3P4W - T4X - sine mod
Apr 10, 2020
More results


Similar Description - SSP04EMA12S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP04EMA12 SCHNEIDER-SSP04EMA12 Datasheet
122Kb / 2P
Surge Protect - EMA - 120kA - 480Y/277VAC - 3P4W - T1
Apr 8, 2020
SSP04EMA12SD SCHNEIDER-SSP04EMA12SD Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 480Y/277VAC - 3P4W - T4X - SW
Apr 10, 2020
SSP04EMA12SDF SCHNEIDER-SSP04EMA12SDF Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 480Y/277VAC - 3P4W - T4X - SW - sine mod
Apr 10, 2020
SSP04EMA12SF SCHNEIDER-SSP04EMA12SF Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 480Y/277VAC - 3P4W - T4X - sine mod
Apr 10, 2020
SSP04EMA16S SCHNEIDER-SSP04EMA16S Datasheet
111Kb / 2P
Surge Protect - EMA - 160kA - 480Y/277VAC - 3P4W - T4X
Apr 10, 2020
SSP04EMA24S SCHNEIDER-SSP04EMA24S Datasheet
115Kb / 2P
Surge Protect - EMA - 240kA - 480Y/277VAC - 3P4W - T4X
Apr 10, 2020
SSP04EMA32S SCHNEIDER-SSP04EMA32S Datasheet
118Kb / 2P
Surge Protect - EMA - 320kA - 480Y/277VAC - 3P4W - T4X
SSP04EMA32SD SCHNEIDER-SSP04EMA32SD Datasheet
118Kb / 2P
Surge Protect - EMA - 320kA - 480Y/277VAC - 3P4W - T4X - SW
SSP04EMA48S SCHNEIDER-SSP04EMA48S Datasheet
118Kb / 2P
Surge Protect - EMA - 480kA - 480Y/277VAC - 3P4W - T4X
Apr 10, 2020
SSP04EMA48SD SCHNEIDER-SSP04EMA48SD Datasheet
118Kb / 2P
Surge Protect - EMA - 480kA - 480Y/277VAC - 3P4W - T4X - SW
Apr 10, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com