Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP05EMA24S Datasheet (PDF) - Schneider Electric

SSP05EMA24S Datasheet PDF - Schneider Electric
Part # SSP05EMA24S
Download  SSP05EMA24S Download
File Size   118.62 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - EMA - 240kA - 480VAC delta - 3P3W - T4X

SSP05EMA24S Datasheet (PDF)

Go To PDF Page Download Datasheet
SSP05EMA24S Datasheet PDF - Schneider Electric

Part # SSP05EMA24S
Download  SSP05EMA24S Click to download

File Size   118.62 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - EMA - 240kA - 480VAC delta - 3P3W - T4X

SSP05EMA24S Datasheet (HTML) - Schneider Electric




Similar Part No. - SSP05EMA24S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP05EMA24SD SCHNEIDER-SSP05EMA24SD Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 480VAC delta - 3P3W - T4X - SW
Apr 10, 2020
More results


Similar Description - SSP05EMA24S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP05EMA24 SCHNEIDER-SSP05EMA24 Datasheet
123Kb / 2P
Surge Protect - EMA - 240kA - 480VAC delta - 3P3W - T1
Apr 8, 2020
SSP05EMA10S SCHNEIDER-SSP05EMA10S Datasheet
118Kb / 2P
Surge Protect - EMA - 100kA - 480VAC delta - 3P3W - T4X
Apr 10, 2020
SSP05EMA12S SCHNEIDER-SSP05EMA12S Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 480VAC delta - 3P3W - T4X
Apr 10, 2020
SSP05EMA16S SCHNEIDER-SSP05EMA16S Datasheet
118Kb / 2P
Surge Protect - EMA - 160kA - 480VAC delta - 3P3W - T4X
Apr 10, 2020
SSP05EMA20S SCHNEIDER-SSP05EMA20S Datasheet
118Kb / 2P
Surge Protect - EMA - 200kA - 480VAC delta - 3P3W - T4X
Apr 10, 2020
SSP05EMA24SD SCHNEIDER-SSP05EMA24SD Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 480VAC delta - 3P3W - T4X - SW
Apr 10, 2020
SSP05EMA32S SCHNEIDER-SSP05EMA32S Datasheet
118Kb / 2P
Surge Protect - EMA - 320kA - 480VAC delta - 3P3W - T4X
Apr 10, 2020
SSP05EMA48S SCHNEIDER-SSP05EMA48S Datasheet
118Kb / 2P
Surge Protect - EMA - 480kA - 480VAC delta - 3P3W - T4X
Apr 10, 2020
SSP06EMA24S SCHNEIDER-SSP06EMA24S Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 240VAC delta - 3P3W - T4X
SSP09EMA24S SCHNEIDER-SSP09EMA24S Datasheet
116Kb / 2P
Surge Protect - EMA - 240kA - 600VAC delta - 3P3W - T4X
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com