Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAIT1814B Datasheet (PDF) - Hubbell Incorporated.

YAIT1814B Datasheet PDF - Hubbell Incorporated.
Part # YAIT1814B
Download  YAIT1814B Download
File Size   257.25 Kbytes
Page   1 Pages
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.
Description Instant Tap Connector, 18-14 AWG, 0.80" L, With Stop (Connector Type)

YAIT1814B Datasheet (PDF)

Go To PDF Page Download Datasheet
YAIT1814B Datasheet PDF - Hubbell Incorporated.

Part # YAIT1814B
Download  YAIT1814B Click to download

File Size   257.25 Kbytes
Page   1 Pages
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.
Description Instant Tap Connector, 18-14 AWG, 0.80" L, With Stop (Connector Type)

YAIT1814B Datasheet (HTML) - Hubbell Incorporated.




Similar Part No. - YAIT1814B

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YAIT1210Y HUBBELL-YAIT1210Y Datasheet
256Kb / 1P
Instant Tap Connector, 12-10 AWG, 0.81" L, With Stop (Connector Type)
More results


Similar Description - YAIT1814B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192160010 MOLEX4-0192160010 Datasheet
97Kb / 2P
Ultimate Wire Tap, Blue, 14-18 AWG
0192160004 MOLEX4-0192160004 Datasheet
110Kb / 2P
Multi-Lock Connector for 14-18 AWG Wire
0192160011 MOLEX4-0192160011 Datasheet
89Kb / 2P
Ulimate Wire Tap, Red, 18-22 AWG (0.80" - .0.35mm
logo
Hubbell Incorporated.
BIBD43RK HUBBELL-BIBD43RK Datasheet
262Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-4 AWG.
BIBD202RK HUBBELL-BIBD202RK Datasheet
265Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-2/0 AWG, 1.52 IN L.
BIBS203RK HUBBELL-BIBS203RK Datasheet
263Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-2/0 AWG, 2.19 IN L.
BITO4 HUBBELL-BITO4 Datasheet
263Kb / 2P
Aluminum Multiple Tap Connector, Clear Insulated, 2 Port, 2 Sided Entry, 14-4 AWG, Al/Cu Rated, 1.16 IN L.
YAIT1210Y HUBBELL-YAIT1210Y Datasheet
256Kb / 1P
Instant Tap Connector, 12-10 AWG, 0.81" L, With Stop (Connector Type)
YAIT2218R HUBBELL-YAIT2218R Datasheet
257Kb / 1P
Instant Tap Connector, 22-18 AWG, 0.80" L, With Stop (Connector Type)
YAITWS1814W HUBBELL-YAITWS1814W Datasheet
268Kb / 1P
Instant Tap Connector, 18-14 AWG, 0.80" L
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com